Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S25FL256SDPNFAQ Datasheet(PDF) 70 Page - Cypress Semiconductor

Part # S25FL256SDPNFAQ
Description  128 Mbit (16 Mbyte)/256 Mbit (32 Mbyte) 128 Mbit (16 Mbyte)/256 Mbit (32 Mbyte)
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S25FL256SDPNFAQ Datasheet(HTML) 70 Page - Cypress Semiconductor

Back Button S25FL256SDPNFAQ Datasheet HTML 66Page - Cypress Semiconductor S25FL256SDPNFAQ Datasheet HTML 67Page - Cypress Semiconductor S25FL256SDPNFAQ Datasheet HTML 68Page - Cypress Semiconductor S25FL256SDPNFAQ Datasheet HTML 69Page - Cypress Semiconductor S25FL256SDPNFAQ Datasheet HTML 70Page - Cypress Semiconductor S25FL256SDPNFAQ Datasheet HTML 71Page - Cypress Semiconductor S25FL256SDPNFAQ Datasheet HTML 72Page - Cypress Semiconductor S25FL256SDPNFAQ Datasheet HTML 73Page - Cypress Semiconductor S25FL256SDPNFAQ Datasheet HTML 74Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 149 page
background image
Document Number: 001-98283 Rev. *M
Page 69 of 148
S25FL128S/S25FL256S
9.1.2
Read Device Identification
There are multiple commands to read information about the device manufacturer, device type, and device features. SPI memories
from different vendors have used different commands and formats for reading information about the memories. The S25FL128S and
S25FL256S devices support the three most common device information commands.
9.1.3
Register Read or Write
There are multiple registers for reporting embedded operation status or controlling device configuration options. There are
commands for reading or writing these registers. Registers contain both volatile and non-volatile bits. Non-volatile bits in registers
are automatically erased and programmed as a single (write) operation.
9.1.3.1 Monitoring Operation Status
The host system can determine when a write, program, erase, suspend or other embedded operation is complete by monitoring the
Write in Progress (WIP) bit in the Status Register. The Read from Status Register-1 command provides the state of the WIP bit. The
program error (P_ERR) and erase error (E_ERR) bits in the status register indicate whether the most recent program or erase
command has not completed successfully. When P_ERR or E_ERR bits are set to one, the WIP bit will remain set to one indicating
the device remains busy. Under this condition, only the CLSR, WRDI, RDSR1, RDSR2, and software RESET commands are valid
commands. A Clear Status Register (CLSR) followed by a Write Disable (WRDI) command must be sent to return the device to
standby state. CLSR clears the WIP, P_ERR, and E_ERR bits. WRDI clears the WEL bit. Alternatively, Hardware Reset, or Software
Reset (RESET) may be used to return the device to standby state.
Advanced Sector
Protection
DYBRD
DYB Read
E0
133
DYBWR
DYB Write
E1
133
PPBRD
PPB Read
E2
133
PPBP
PPB Program
E3
133
PPBE
PPB Erase
E4
133
ASPRD
ASP Read
2B
133
ASPP
ASP Program
2F
133
PLBRD
PPB Lock Bit Read
A7
133
PLBWR
PPB Lock Bit Write
A6
133
PASSRD
Password Read
E7
133
PASSP
Password Program
E8
133
PASSU
Password Unlock
E9
133
Reset
RESET
Software Reset
F0
133
MBR
Mode Bit Reset
FF
133
Reserved for
Future Use
MPM
Reserved for Multi-I/O-High Perf Mode (MPM)
A3
133
RFU
Reserved-18 Reserved
18
RFU
Reserved-E5 Reserved
E5
RFU
Reserved-E6 Reserved
E6
Table 45. S25FL128S and S25FL256S Command Set (sorted by function) (Continued)
Function
Command
Name
Command Description
Instruction
Value (Hex)
Maximum
Frequency
(MHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com