Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC320AD50C/I Datasheet(PDF) 14 Page - Texas Instruments

Part # TLC320AD50C/I
Description   Sigma-Delta Analog Interface Circuits With Master-Slave Function
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLC320AD50C/I Datasheet(HTML) 14 Page - Texas Instruments

Back Button TLC320AD50C/I Datasheet HTML 10Page - Texas Instruments TLC320AD50C/I Datasheet HTML 11Page - Texas Instruments TLC320AD50C/I Datasheet HTML 12Page - Texas Instruments TLC320AD50C/I Datasheet HTML 13Page - Texas Instruments TLC320AD50C/I Datasheet HTML 14Page - Texas Instruments TLC320AD50C/I Datasheet HTML 15Page - Texas Instruments TLC320AD50C/I Datasheet HTML 16Page - Texas Instruments TLC320AD50C/I Datasheet HTML 17Page - Texas Instruments TLC320AD50C/I Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 54 page
background image
1–7
1.7
Register Functional Summary
There are seven control registers that are used as follows:
Register 0 The No-Op register. Addressing register 0 allows secondary communications requests without altering
any other register.
Register 1 Control register 1. The data in this register controls:
•
Software reset
•
Software power down
•
Normal or auxiliary analog inputs enabling
•
Normal or auxiliary analog inputs monitoring
•
Selection of monitor amplifier output gain
•
Selection of digital loopback
•
Selection of16-bit or (15+1)-bit mode of DAC operation
Register 2 Control register 2. The data in this register:
•
Contains the output value of FLAG
•
Selects phone mode
•
Contains the output flag indicating a decimator FIR filter overflow
•
Selects either 16-bit mode or (15+1)-bit mode of ADC operation
•
Enables analog loopback
Register 3 Control register 3. The data in this register:
•
Sets the number of SCLK delays between FS and FSD
•
Informs the master device of how many slaves are connected in the chain
Register 4 Control register 4. The data in this register:
•
Selects the amplifier gain for the input and output amplifiers
•
Sets the sample rate by choosing the value of
N from 1 to 8 where fs = MCLK/(128  N) or
MCLK/(512
 N)
•
Selects the PLL. If the PLL is selected, the sampling rate is set to MCLK/(128
 N). If the PLL is
bypassed, the sampling rate can be set to MCLK/(512
 N).
Register 5 Reserved for factory test. Do not write to this register.
Register 6 Reserved for factory test. Do not write to this register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com