Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC320AD50C/I Datasheet(PDF) 34 Page - Texas Instruments

Part # TLC320AD50C/I
Description   Sigma-Delta Analog Interface Circuits With Master-Slave Function
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLC320AD50C/I Datasheet(HTML) 34 Page - Texas Instruments

Back Button TLC320AD50C/I Datasheet HTML 30Page - Texas Instruments TLC320AD50C/I Datasheet HTML 31Page - Texas Instruments TLC320AD50C/I Datasheet HTML 32Page - Texas Instruments TLC320AD50C/I Datasheet HTML 33Page - Texas Instruments TLC320AD50C/I Datasheet HTML 34Page - Texas Instruments TLC320AD50C/I Datasheet HTML 35Page - Texas Instruments TLC320AD50C/I Datasheet HTML 36Page - Texas Instruments TLC320AD50C/I Datasheet HTML 37Page - Texas Instruments TLC320AD50C/I Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 54 page
background image
4–1
4 Specifications
4.1
Absolute Maximum Ratings Over Operating Free-Air Temperature Range
(Unless Otherwise Noted)†
Supply voltage range, DVDD, AVDD (see Note 1)
– 0.3 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output voltage range, DOUT, FS, SCLK, FLAG
– 0.3 V to DVDD + 0.3 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output voltage range, OUTP, OUTM
– 0.3 V to VDD + 0.3 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range, DIN, PWRDWN, RESET, ALTDATA, MCLK, FC
– 0.3 V to DVDD + 0.3 V
. . . . . . . . . . . .
Input voltage range, INP, INM, AUXP, AUXM
– 0.3 V to VDD + 0.3 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Case temperature for 10 seconds: DW package
260
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range, TLC320AD50C/52C, TA
0
°C to 70°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range, TLC320AD50I, TA
–40
°C to 85°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
–65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTE 1: All voltage values are with respect to VSS.
4.2
Recommended Operating Conditions
MIN
NOM
MAX
UNIT
Supply voltage, AVDD (see Note 2)
4.75
5.5
V
Analog signal input voltage, VI(analog)
Differential (INP – INM) peak, for full scale operation
6
V
Differential output load resistance, OUTP, OUTM, RL
600
Ω
Differential output load capacitance, OUTP, OUTM, CL
15
pF
ADC or DAC conversion rate
8
22.05
kHz
Operating free-air temperature, TA
0
70
°C
NOTE 2: Voltages at analog inputs and outputs and AVDD are with respect to the AVSS terminal.
4.2.1
Recommended Operating Conditions, DVDD = 5 V
MIN
NOM
MAX
UNIT
Supply voltage, DVDD (see Note 3)
4.5
5.5
V
High-level input voltage, VIH
2
V
Low-level input voltage, VIL
0.8
V
MCLK frequency
8.192
11.290
MHz
NOTE 3: Voltages at digital inputs and outputs and DVDD are with respect to the DVSS terminal.
4.2.2
Recommended Operating Conditions, DVDD = 3 V
MIN
NOM
MAX
UNIT
Supply voltage, DVDD (see Note 3)
2.7
3
3.3
V
High-level input voltage, VIH
1.8
V
Low-level input voltage, VIL
0.6
V
MCLK frequency
8.192
11.290
MHz
NOTE 3: Voltages at digital inputs and outputs and DVDD are with respect to the DVSS terminal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com