Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC320AD50C/I Datasheet(PDF) 23 Page - Texas Instruments

Part # TLC320AD50C/I
Description   Sigma-Delta Analog Interface Circuits With Master-Slave Function
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLC320AD50C/I Datasheet(HTML) 23 Page - Texas Instruments

Back Button TLC320AD50C/I Datasheet HTML 19Page - Texas Instruments TLC320AD50C/I Datasheet HTML 20Page - Texas Instruments TLC320AD50C/I Datasheet HTML 21Page - Texas Instruments TLC320AD50C/I Datasheet HTML 22Page - Texas Instruments TLC320AD50C/I Datasheet HTML 23Page - Texas Instruments TLC320AD50C/I Datasheet HTML 24Page - Texas Instruments TLC320AD50C/I Datasheet HTML 25Page - Texas Instruments TLC320AD50C/I Datasheet HTML 26Page - Texas Instruments TLC320AD50C/I Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 54 page
background image
2–8
2.7.1
Frame Sync (FS) Function, Master Mode
The frame sync is generated internally and goes low on the rising edge of SCLK and remains low during a 16-bit data
transfer. In addition to generating its own frame-sync signal, the master also outputs a frame sync for each slave that
is being used (see Figures 2–8 and 2–9).
FS
(see Note A)
DIN/DOUT
16 SCLKs
16 SCLKs
Primary
Secondary
Primary
128 SCLKs
256 SCLKs
SCLK
Primary
Primary
FS
(see Note B)
NOTES: A. Primary and secondary serial communication
B. Primary serial communication, only
Figure 2–8. Master Device Frame-Sync Signal With Primary and Secondary Communications
(No Slaves)
FS
(see Note A)
MP
128 SCLKs
256 SCLKs
SCLK
FS
(see Note B)
MP
SP
MS
SP
SS
MP
Delay is
m Shift Clocks
(see Note C)
MP
Legend:
MP: Master Primary (master device data is transferred in this period, DOUT of the slave device is in high impedance state).
SP: Slave Primary (slave device data is transferred in this period, DOUT of master device is in high impedance state).
MS: Master Secondary (master device control register information is transferred in this period, DOUT of the slave device is in high impedance state).
SS: Slave Secondary(slave device control register information is transferred in this period, DOUT of the master device is in high impedance state).
NOTES: A. Primary and secondary serial communications
B. Primary serial communication only
C.
m is the value programmed into the FSD register (control register 3: D0 –D5)
Figure 2–9. Master Device Frame-Sync Signal With Primary and Secondary Communications
(With 1 Slave Device)
2.7.2
Frame Sync (FS) Function,Slave Mode
Frame-sync timing is generated externally by the master FSD (or the previous slave in a multislave configuration)
and is applied to FS of the slave to control the ADC and DAC timing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com