Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC320AD50C/I Datasheet(PDF) 40 Page - Texas Instruments

Part # TLC320AD50C/I
Description   Sigma-Delta Analog Interface Circuits With Master-Slave Function
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLC320AD50C/I Datasheet(HTML) 40 Page - Texas Instruments

Back Button TLC320AD50C/I Datasheet HTML 36Page - Texas Instruments TLC320AD50C/I Datasheet HTML 37Page - Texas Instruments TLC320AD50C/I Datasheet HTML 38Page - Texas Instruments TLC320AD50C/I Datasheet HTML 39Page - Texas Instruments TLC320AD50C/I Datasheet HTML 40Page - Texas Instruments TLC320AD50C/I Datasheet HTML 41Page - Texas Instruments TLC320AD50C/I Datasheet HTML 42Page - Texas Instruments TLC320AD50C/I Datasheet HTML 43Page - Texas Instruments TLC320AD50C/I Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 54 page
background image
5–1
5 Parameter Measurement Information
SCLK Period/4
2.4 V
0.8 V
SCLK
FSD
0.8 V
td(CH-FDL)
FS
NOTE A: Timing shown is for the TLC320AD50C/52C operating as the master device. The programmed data value in the FSD register is 0. D0
through D5 of control 3 register are all 0.
Figure 5–1. Master FS and FSD Timing
td(FL-FDL)
0.8 V
0.8 V
FSD
FS
NOTE A: Timing shown is for the TLC320AD50C/52C operating in the slave mode (FS and SCLK signals are generated externally). The
programmed data value in the FSD register is 0.
Figure 5–2. Slave FS to FSD Timing
td(CH-FDL)
0.8 V
SCLK
FSD
0.8 V
NOTE A: Timing shown is for the TLC320AD50C/52C operating in the slave mode (FS and SCLK signals are generated externally). There is a
data value in the FSD register greater than 18 decimal. D0 through D5 of control 3 register are greater than 17.
Figure 5–3. Master/Slave SCLK to FSD Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com