Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC320AD50C/I Datasheet(PDF) 37 Page - Texas Instruments

Part # TLC320AD50C/I
Description   Sigma-Delta Analog Interface Circuits With Master-Slave Function
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLC320AD50C/I Datasheet(HTML) 37 Page - Texas Instruments

Back Button TLC320AD50C/I Datasheet HTML 33Page - Texas Instruments TLC320AD50C/I Datasheet HTML 34Page - Texas Instruments TLC320AD50C/I Datasheet HTML 35Page - Texas Instruments TLC320AD50C/I Datasheet HTML 36Page - Texas Instruments TLC320AD50C/I Datasheet HTML 37Page - Texas Instruments TLC320AD50C/I Datasheet HTML 38Page - Texas Instruments TLC320AD50C/I Datasheet HTML 39Page - Texas Instruments TLC320AD50C/I Datasheet HTML 40Page - Texas Instruments TLC320AD50C/I Datasheet HTML 41Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 54 page
background image
4–4
4.3.7
DAC Dynamic Performance
4.3.7.1 DAC Signal-to-Noise When Load is 600
Ω (see Note 7 and Figure 5-13)
PARAMETER
TEST CONDITIONS
TLC320AD50C/52C
TLC320AD50I
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
VI = 0 dB
85
89
83
87
Signal to noise ratio (SNR)
VI = – 9 dB
76
80
74
78
dB
Signal-to-noise ratio (SNR)
VI = – 40 dB
45
49
43
47
dB
VI = – 65 dB
20
24
18
22
NOTE 7: The test condition is the digital equivalent of a 1020-Hz input signal with an 8-kHz conversion rate. The test is measured at output of
application schematic low-pass filter. The test is conducted in 16-bit mode.
4.3.7.2 DAC Signal-to-Noise When Load is 10 k
Ω (see Note 7)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VI = 0 dB
89
Signal to noise ratio (SNR)
VI = – 9 dB
80
dB
Signal-to-noise ratio (SNR)
VI = – 40 dB
50
dB
VI = – 65 dB
25
NOTE 7: The test condition is the digital equivalent of a 1020-Hz input signal with an 8-kHz conversion rate. The test is measured at output of
application schematic low-pass filter. The test is conducted in 16-bit mode.
4.3.7.3 DAC Signal-to- Distortion When Load is 600
Ω (see Note 7, Figure 5-14)
PARAMETER
TEST CONDITIONS
TLC320AD50C/52C
TLC320AD50I
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
VI = – 3 dB
76
80
74
78
Signal to total harmonic distortion (THD)
VI = – 9 dB
84
90
82
88
dB
Signal-to-total harmonic distortion (THD)
VI = – 40 dB
64
72
62
70
dB
VI = – 65 dB
42
48
40
46
NOTE 7: The test condition is the digital equivalent of a 1020-Hz input signal with an 8-kHz conversion rate. The test is measured at output of
application schematic low-pass filter. The test is conducted in 16-bit mode.
4.3.7.4 DAC Signal-to- Distortion When Load is 10 k
Ω (see Note 7)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VI = – 3 dB
82
Signal to total harmonic distortion (THD)
VI = – 9 dB
91
dB
Signal-to-total harmonic distortion (THD)
VI = – 40 dB
77
dB
VI = – 65 dB
49
NOTE 7: The test condition is the digital equivalent of a 1020-Hz input signal with an 8-kHz conversion rate. The test is measured at output of
application schematic low-pass filter. The test is conducted in 16-bit mode.
4.3.7.5 DAC Signal-to-Distortion+Noise When Load is 600
Ω (see Note 7, Figure 5-15)
PARAMETER
TEST CONDITIONS
TLC320AD50C/52C
TLC320AD50I
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
VI = – 3 dB
75
79
72
76
Signal to total harmonic distortion + noise (THD + N)
VI = – 9 dB
75
79
72
76
dB
Signal-to-total harmonic distortion + noise (THD + N)
VI = – 40 dB
45
49
42
46
dB
VI = – 65 dB
20
24
17
21
NOTE 7: The test condition is the digital equivalent of a 1020-Hz input signal with an 8-kHz conversion rate. The test is measured at output of
application schematic low-pass filter. The test is conducted in 16-bit mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com