Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC320AD50C/I Datasheet(PDF) 21 Page - Texas Instruments

Part # TLC320AD50C/I
Description   Sigma-Delta Analog Interface Circuits With Master-Slave Function
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLC320AD50C/I Datasheet(HTML) 21 Page - Texas Instruments

Back Button TLC320AD50C/I Datasheet HTML 17Page - Texas Instruments TLC320AD50C/I Datasheet HTML 18Page - Texas Instruments TLC320AD50C/I Datasheet HTML 19Page - Texas Instruments TLC320AD50C/I Datasheet HTML 20Page - Texas Instruments TLC320AD50C/I Datasheet HTML 21Page - Texas Instruments TLC320AD50C/I Datasheet HTML 22Page - Texas Instruments TLC320AD50C/I Datasheet HTML 23Page - Texas Instruments TLC320AD50C/I Datasheet HTML 24Page - Texas Instruments TLC320AD50C/I Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 54 page
background image
2–6
2.2
Reset and Power-Down Functions
2.2.1
Software and Hardware Reset
The TLC320AD50C and TLC320AD52C reset the internal counters and registers in response to either of two events:
1.
A low-going reset pulse is applied to terminal RESET.
2.
A 1 is written to the programmable software reset bit (D7 of control register 1).
Either event resets the control registers and clears all the sequential circuits in the device. Reset signals should be
at least 6 master clock periods long.
After hardware reset, the default contents of all registers is 0.
After a hardware or software reset, the AD50 and AD52 require a finite amount of time for the internal PLL to stabilize.
During this time, no control words or D/A data should be written to the device.
The reset sequence should be as follows:
1.
Assert reset (pulse width encompassing at least 6 MCLK periods)
2.
Deactivate reset
3.
Wait for SCLKS to be generated by the master device. This will take approximately 100
µs.
4.
Wait for 18 frame syncs to occur
5.
Write control and configuration data
6.
Collect conversion data
2.2.2
Software and Hardware Power Down
Except for the digital interface, most of the device enters the power-down mode when D6 in control 1 register is set
to 1. When PWRDWN is taken low, the entire device is powered down. In either case, the register contents are
preserved and the output of the monitor amplifier is held at the midpoint voltage to minimize pops and clicks.
The amount of power drawn during software power down is higher than it is during a hardware power down because
of the current required to keep the digital interface active. Additional differences between software and hardware
power-down modes are detailed in the following paragraphs. Figure 2–7 represents the internal power-down logic.
PWRDWN
D6 is Programmed
Through a Secondary
Write Operation
Software Power Down
(Control Register 1, D6)
Internal TLC320AD50C
Figure 2–7. Internal Power-Down Logic
2.2.2.1 Software Power Down
When D6 of control 1 register is set to 1, the device enters the software power-down mode. In this state, the digital
interface circuit is still active while the internal ADC and DAC channels and differential outputs OUTP and OUTM are
disabled, and DOUT and FSD are inactive. Register data in the secondary serial communications is still accepted,
but data in the primary serial communications is ignored. The device returns to normal operation when D6 of control
1 register is reset to 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com