Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC320AD50C/I Datasheet(PDF) 29 Page - Texas Instruments

Part # TLC320AD50C/I
Description   Sigma-Delta Analog Interface Circuits With Master-Slave Function
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLC320AD50C/I Datasheet(HTML) 29 Page - Texas Instruments

Back Button TLC320AD50C/I Datasheet HTML 25Page - Texas Instruments TLC320AD50C/I Datasheet HTML 26Page - Texas Instruments TLC320AD50C/I Datasheet HTML 27Page - Texas Instruments TLC320AD50C/I Datasheet HTML 28Page - Texas Instruments TLC320AD50C/I Datasheet HTML 29Page - Texas Instruments TLC320AD50C/I Datasheet HTML 30Page - Texas Instruments TLC320AD50C/I Datasheet HTML 31Page - Texas Instruments TLC320AD50C/I Datasheet HTML 32Page - Texas Instruments TLC320AD50C/I Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 54 page
background image
3–2
3.2
Secondary Serial Communication
Secondary serial communication is used to read or write 16-bit words that program both the options and the circuit
configurations of the device. Register programming always occurs during secondary communication. Four primary
and secondary communication cycles are required to program the four registers. If the default value for a particular
register is desired, then the register addressing can be omitted during secondary communications. The NOOP
command addresses a pseudoregister, register 0, and no register programming takes place during this secondary
communication. If secondary communication is desired for any device (either master or slave), then a secondary
communication must be requested for all devices, starting with the master. This results in a secondary frame sync
(FS) for all devices. The NOOP command can be used for devices that do not need a secondary operation.
During secondary communication, a register may be written to or read from. When writing a value to a register, DIN
contains the value to be written. When reading the value in a register, the data is stepped out on DOUT.
There are two methods for initiating secondary communications:
1.
By asserting a high level on FC
2.
By asserting the LSB of the DIN 16-bit serial communication high while in the15-bit mode
Both methods are illustrated in Figure 3–2.
Secondary
Request
16-Bit Mode
(Control 1 Register, Bit 0)
FC
(Hardware)
(LSB of DIN)
Internal TLC320AD50C
Figure 3–2. Hardware and Software Methods to Make a Secondary Request
FC should be pulled high before the rising edge of the frame sync (FS). This causes the start of the secondary
communication, 128 SCLKs after the start of the primary communication frame. If slaves are present, FC should
remain high until the rising edge of the frame sync for the last slave.
The second method for secondary communication is by asserting the LSB high. The least significant bit (D0) can be
used for the secondary requests as shown in Table 3–1. The request is made by placing the device in the 15-bit DAC
mode and making the LSB of DIN equal to 1. All devices should be in the 15-bit DAC mode and secondary
communication should be requested for all devices.
Table 3–1. Least Significant Bit Control Function
CONTROL BIT D0
CONTROL BIT FUNCTION
0
No operation (NOOP)
1
Secondary communication request
If a secondary communication request is made, FS goes low after 128 SCLKs after the beginning of the primary frame.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com