Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC320AD50C/I Datasheet(PDF) 22 Page - Texas Instruments

Part # TLC320AD50C/I
Description   Sigma-Delta Analog Interface Circuits With Master-Slave Function
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLC320AD50C/I Datasheet(HTML) 22 Page - Texas Instruments

Back Button TLC320AD50C/I Datasheet HTML 18Page - Texas Instruments TLC320AD50C/I Datasheet HTML 19Page - Texas Instruments TLC320AD50C/I Datasheet HTML 20Page - Texas Instruments TLC320AD50C/I Datasheet HTML 21Page - Texas Instruments TLC320AD50C/I Datasheet HTML 22Page - Texas Instruments TLC320AD50C/I Datasheet HTML 23Page - Texas Instruments TLC320AD50C/I Datasheet HTML 24Page - Texas Instruments TLC320AD50C/I Datasheet HTML 25Page - Texas Instruments TLC320AD50C/I Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 54 page
background image
2–7
2.2.2.2 Hardware Power Down
When PWRDWN is held low, the device enters the hardware power-down mode. In this state, the internal clock control
circuit and the differential outputs OUTP and OUTM are disabled. All other digital I/Os either are disabled or remain
in the state they were in immediately before power down. DIN cannot accept any data input. The device can only be
returned to normal operation by taking and holding PWRDWN high. When not holding the device in the hardware
power-down mode, PWRDWN should be tied high.
2.3
Master Clock Circuit
MCLK is the external master clock input. The internal clock circuit generates and distributes necessary clocks
throughout the device. An internal PLL circuit is used for upsampling to provide the appropriate clocks for the digital
filters and modulators.
When the device is in the master mode, SCLK and FS are derived from MCLK in order to provide clocking of the serial
communications between the device and its controller. When in the slave mode, SCLK and FS are both inputs.
2.4
Data Out (DOUT)
DOUT is placed in the high-impedance state on the rising edge of the frame sync. In the primary communication, the
data word is the ADC conversion result. In the secondary communication, the data is the register-read results when
requested by the read/write (R/W) bit. If a register read is not requested, the low eight bits of the secondary word are
all zeroes. The state of the master/slave (M/S) terminal is reflected by the MSB in secondary communication (DOUT,
bit DS15) and the LSB in the primary communication (DOUT, bit D0) while in 15 + 1 mode. When the device is in the
slave mode, DOUT remains in a high-impedance state until a nonzero value is written as a number of slaves in control
register 3 (bits D7 and D6).
2.4.1
Data Out, Master Mode
In the master mode, DOUT is taken from the high-impedance state by the falling edge of the frame sync (FS) that
is assigned to DOUT. The most significant data bit then appears first on DOUT.
2.4.2
Data Out, Slave Mode
In the slave mode, DOUT is taken from the high-impedance state by the falling edge of the input frame sync (FS).
The most significant data bit then appears on DOUT. When in the slave mode, DOUT is not enabled until the control
3 register is programmed with the number of slaves. This must be done even if there is only one slave device.
2.5
Data In (DIN)
In a primary communication, the data word is the input digital signal to the DAC channel. If the (15+1)-bit data format
is used, the LSB (D0) is used to request a secondary communication. In a secondary communication, the data is the
control and configuration data that sets the device for a particular function (see Section 3, Secondary Serial
Communication for details).
2.6
FC (Hardware Secondary Communication Request)
The FC input provides for hardware requests for secondary communications. FC works in conjunction with the LSB
of the primary data word. The signal on FC is latched on the rising edge of the primary frame sync (FS). FC should
be tied low if not used.
2.7
Frame-Sync Function for TLC320AD50C
The frame-sync signal (FS) indicates the device is ready to send and receive data. The data transfer out of DOUT
and into DIN begins on the falling edge of the frame-sync signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com