Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC320AD50C/I Datasheet(PDF) 5 Page - Texas Instruments

Part # TLC320AD50C/I
Description   Sigma-Delta Analog Interface Circuits With Master-Slave Function
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLC320AD50C/I Datasheet(HTML) 5 Page - Texas Instruments

  TLC320AD50C/I Datasheet HTML 1Page - Texas Instruments TLC320AD50C/I Datasheet HTML 2Page - Texas Instruments TLC320AD50C/I Datasheet HTML 3Page - Texas Instruments TLC320AD50C/I Datasheet HTML 4Page - Texas Instruments TLC320AD50C/I Datasheet HTML 5Page - Texas Instruments TLC320AD50C/I Datasheet HTML 6Page - Texas Instruments TLC320AD50C/I Datasheet HTML 7Page - Texas Instruments TLC320AD50C/I Datasheet HTML 8Page - Texas Instruments TLC320AD50C/I Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 54 page
background image
vi
List of Illustrations
Figure
Title
Page
2–1 Timing Sequence of ADC Channel (Primary Communication Only)
2–2
. . . . . .
2–2 Timing Sequence of ADC Channel (Primary and Secondary
Communication)
2–2
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
2–3 Timing Sequence of DAC Channel (Primary Communication Only)
2–3
. . . . . .
2–4 Timing Sequence of DAC Channel (Primary and Secondary
Communication)
2–3
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
2–5 Register 1 Read Operation Timing Diagram
2–4
. . . . . . . . . . . . . . . . . . . . . . . . . .
2–6 Register 1 Write Operation Timing Diagram
2–5
. . . . . . . . . . . . . . . . . . . . . . . . . .
2–7 Internal Power-Down Logic
2–6
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
2–8 Master Device Frame-Sync Signal With Primary and Secondary
Communications (No Slaves)
2–8
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
2–9 Master Device Frame-Sync Signal With Primary and Secondary
Communications (With 1 Slave Device)
2–8
. . . . . . . . . . . . . . . . . . . . . . . . . . . .
2–10 Master Device FS and FSD Output When FSD Register (D0–D5,
Control 3 Register) is 0
2–9
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
2–11 Master Device FS and FSD Output After Control 3 Register Is
Programmed (One Slave Device)
2–9
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
2–12 Master With Slaves (To DSP Interface)
2–10
. . . . . . . . . . . . . . . . . . . . . . . . . . . . .
2–13 Master-Slave Frame-Sync Timing After A Delay Has Been
Programmed Into The FSD Register (D0–D5 of Control 3 Register)
2–10
. . .
2–14 Master Device FS and FSD Output After Control 3 Register
Is Programmed With 49H
2–11
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
2–15 RC Antialias Filter
2–11
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
2–16 INP and INM Internal Self-Biased (2.5 V) Circuit
2–12
. . . . . . . . . . . . . . . . . . . . .
2–17 Differential Output Drive (Ground Referenced)
2–12
. . . . . . . . . . . . . . . . . . . . . . .
2–18 Digital Input Code vs Analog Output Voltage
2–12
. . . . . . . . . . . . . . . . . . . . . . . .
3–1 Primary Serial Communication Timing
3–1
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
3–2 Hardware and Software Methods to Make a Secondary Request
3–2
. . . . . . . . .
3–3 FS Output When Hardware Secondary Serial Communication Is Requested
Only Once (No Slave)
3–3
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
3–4 FS Output When Hardware Secondary Serial Communication Is Requested
Only Once (Three Slaves)
3–3
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
3–5 FS Output During Software Secondary Serial Communication Request
(No Slave)
3–3
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
3–6 Phone Mode Timing When Phone Mode Is Enabled
3–4
. . . . . . . . . . . . . . . . . . .



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com