Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC320AD50C/I Datasheet(PDF) 16 Page - Texas Instruments

Part # TLC320AD50C/I
Description   Sigma-Delta Analog Interface Circuits With Master-Slave Function
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLC320AD50C/I Datasheet(HTML) 16 Page - Texas Instruments

Back Button TLC320AD50C/I Datasheet HTML 12Page - Texas Instruments TLC320AD50C/I Datasheet HTML 13Page - Texas Instruments TLC320AD50C/I Datasheet HTML 14Page - Texas Instruments TLC320AD50C/I Datasheet HTML 15Page - Texas Instruments TLC320AD50C/I Datasheet HTML 16Page - Texas Instruments TLC320AD50C/I Datasheet HTML 17Page - Texas Instruments TLC320AD50C/I Datasheet HTML 18Page - Texas Instruments TLC320AD50C/I Datasheet HTML 19Page - Texas Instruments TLC320AD50C/I Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 54 page
background image
2–1
2 Detailed Description
2.1
Device Functions
2.1.1
Operating Frequencies and Filter Control
The sampling frequency is controlled by control register 4. When the internal PLL is enabled (D7=0), the sampling
frequency is derived from the following equation:
fs + Sampling (conversion) frequency +
MCLK
128
N
(1)
When the internal PLL is disabled (D7=1), the sampling frequency is derived from the following equation:
fs + Sampling (conversion) frequency +
MCLK
512
N
(2)
If the sampling frequency is lower than 7 kHz, the sampling frequency is derived from the master clock (MCLK) using
equation 2. The internal PLL must be bypassed. The PLL input clock for sampling frequencies lower than 7 kHz is
outside the working range for the PLL input clock.
The frequency of SCLK is derived from sampling frequency (fs) instead of MCLK. The equation is as follows:
SCLK
+ 256
fs
(3)
The cutoff frequency of the filter can not be controlled by register programming. The filter response is shown in the
specification for an 8 kHz sample rate. This pass band scales linearly with the sample rate.
2.1.2
ADC Signal Channel
The input signal is amplified and applied to the ADC input. The ADC converts the signal into discrete output digital
words in 2s-complement data format, corresponding to the instantaneous analog-signal value at the sampling time.
These 16-bit (or 15-bit) digital words, representing sampled values of the analog input signal after the PGA, are
clocked out of the serial port (DOUT) at the positive edge of SCLK during the frame-sync interval, one bit for each
SCLK and one word for each primary communication interval (256 SCLKs). The 16-bit or (15 + 1)-bit ADC mode is
programmed into the device using control register 2. The default setting is the (15 + 1)-bit mode after power-up.
During secondary communication, the data previously programmed into the registers can be read out. This read
operation is accomplished by sending the appropriate register address (DS12 – DS8) with the read bit (DS13) set
to 1 in through DIN during present secondary communication. If a register read is not requested, all 16 bits are cleared
to 0 in the secondary communication. The timing sequence is shown in Figure 2–1 and Figure 2–2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com