Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC320AD50C/I Datasheet(PDF) 36 Page - Texas Instruments

Part # TLC320AD50C/I
Description   Sigma-Delta Analog Interface Circuits With Master-Slave Function
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLC320AD50C/I Datasheet(HTML) 36 Page - Texas Instruments

Back Button TLC320AD50C/I Datasheet HTML 32Page - Texas Instruments TLC320AD50C/I Datasheet HTML 33Page - Texas Instruments TLC320AD50C/I Datasheet HTML 34Page - Texas Instruments TLC320AD50C/I Datasheet HTML 35Page - Texas Instruments TLC320AD50C/I Datasheet HTML 36Page - Texas Instruments TLC320AD50C/I Datasheet HTML 37Page - Texas Instruments TLC320AD50C/I Datasheet HTML 38Page - Texas Instruments TLC320AD50C/I Datasheet HTML 39Page - Texas Instruments TLC320AD50C/I Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 54 page
background image
4–3
4.3.4.2 ADC Signal-to-Distortion (see Note 5 and Figure 5-11)
PARAMETER
TEST CONDITIONS
TLC320AD50C/52C
TLC320AD50I
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
VI = – 3 dB (4.25 V)
80
85
79
84
VI = – 9 dB (2.13 V)
79
90
78
89
Signal-to-total harmonic distortion (THD)
VI = – 40 dB (60 mV)
67
72
66
71
dB
VI = – 65 dB (3 mV)
43
48
42
47
VAUX = – 9 dB
79
90
78
89
NOTE 5. The test condition is a 1020-Hz input signal with an 8-kHz conversion rate. Input and output are referenced to VDD /2.
4.3.4.3 ADC Signal-to-Distortion + Noise (see Note 5 and Figure 5-12)
PARAMETER
TEST CONDITIONS
TLC320AD50C/52C
TLC320AD50I
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
VI = – 3 dB (4.25 V)
78
82
76
80
VI = – 9 dB (2.13 V)
76
80
74
78
Signal-to-total harmonic distortion + noise (THD + N)
VI = – 40 dB (60 mV)
45
49
43
47
dB
VI = – 65 dB (3 mV)
20
24
19
22
VAUX = – 9 dB
76
80
74
78
NOTE 5. The test condition is a 1020-Hz input signal with an 8-kHz conversion rate. Input and output are referenced to VDD /2.
4.3.5
ADC Channel Characteristics
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VI(PP)
Peak-to-peak input voltage
(differential (INP–INM) peak, for full scale operation)
6
V
Dynamic range
VI = – 1 dB (5.35 V)
88
dB
Interchannel isolation
100
dB
EG
Gain error
VI = – 1 dB at 1020 Hz
± 0.3
dB
EO(ADC) ADC converter offset error
5
15
mV
CMRR
Common-mode rejection ratio at INM, INP or AUXM, AUXP
VI = –1 dB at 1020 Hz
74
dB
Idle channel noise (on-chip reference)
VINP, INM = 2.5 V
75
µV rms
Ri
Input resistance
TA = 25°C
35
k
Ω
Channel delay
17/fs
s
4.3.6
DAC Path Filter, MCLK = 8.192 MHz, fs = 8 kHz (see Note 6, Figures 5-8 and 5-9)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
0 to 300 Hz
– 0.5
0.2
300 Hz to 3 kHz
– 0.25
0.25
Filter gain relative to gain at 1020 Hz
3.3 kHz
– 0.35
0.3
dB
Filter gain relative to gain at 1020 Hz
3.6 kHz
–3
dB
4 kHz
–40
≥ 4.4 kHz
–74
NOTE 6: The filter gain outside of the pass band is measured with respect to the gain at 1020 Hz. The input signal is the digital equivalent of a
sine wave (digital full scale = 0 dB). The nominal differential DAC channel output with this input condition is 6 VI(PP). The pass band
is 0 to 3600 Hz for an 8-kHz sample rate. This pass band scales linearly with the conversion rate.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com