Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC320AD50C/I Datasheet(PDF) 30 Page - Texas Instruments

Part # TLC320AD50C/I
Description   Sigma-Delta Analog Interface Circuits With Master-Slave Function
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLC320AD50C/I Datasheet(HTML) 30 Page - Texas Instruments

Back Button TLC320AD50C/I Datasheet HTML 26Page - Texas Instruments TLC320AD50C/I Datasheet HTML 27Page - Texas Instruments TLC320AD50C/I Datasheet HTML 28Page - Texas Instruments TLC320AD50C/I Datasheet HTML 29Page - Texas Instruments TLC320AD50C/I Datasheet HTML 30Page - Texas Instruments TLC320AD50C/I Datasheet HTML 31Page - Texas Instruments TLC320AD50C/I Datasheet HTML 32Page - Texas Instruments TLC320AD50C/I Datasheet HTML 33Page - Texas Instruments TLC320AD50C/I Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 54 page
background image
3–3
3.2.1
Hardware Secondary Serial Communication Request
The FC requests a secondary communication when it is asserted. The FC terminal is latched at the rising edge of
FS (primary communication), so FC should be pulled high before the rising edge of the primary frame sync (FS).
Figures 3–3 and 3–4 show the FS output from a master device.
ADC Data Out
FC
DOUT
DIN
FS
Register
Read/Write
ADC Data Out
DAC Data In
Register
Read/Write
DAC Data In
Secondary
Request
No Secondary
Request
PP
S
Figure 3–3. FS Output When Hardware Secondary Serial Communication Is Requested Only Once
(No Slave)
FS
(Master)
FC
(See Note)
S1
S2
S3
MS1
S2
S3
MM
PP
P
PS
S
S
SP
NOTE: FC of master device and slave devices should connect together.
Figure 3–4. FS Output When Hardware Secondary Serial Communication Is Requested Only Once
(Three Slaves)
3.2.2
Software Secondary Serial Communication Request
The LSB of the DAC data within a primary transfer can request a secondary communication when the device is in
the 15-bit mode.
For all serial communications, the most significant bit is transferred first. For a 16-bit ADC word and a 16-bit DAC word,
D15 is the most significant bit and D0 is the least significant bit. For a 15-bit DAC data word in a primary
communication, D15 is the most significant bit and D1 is the least significant bit. Bit D0 is then used for the secondary
communication request control. All digital data values are in 2s complement data format (Figure 3–5).
If the data format is set to the 16-bit word mode, all 16 bits are either ADC or DAC data and secondary communication
can then be requested only by hardware (FC terminal).
Data (D0 = 1)
DIN
FS
Register
Read/Write
Data (D0 = 0)
Secondary Communication Request
No Secondary Communication Request
PS
P
NOTE: See Figure 3–8 for secondary communication DIN data format.
Figure 3–5. FS Output During Software Secondary Serial Communication Request (No Slave)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com