Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC320AD50C/I Datasheet(PDF) 44 Page - Texas Instruments

Part # TLC320AD50C/I
Description   Sigma-Delta Analog Interface Circuits With Master-Slave Function
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLC320AD50C/I Datasheet(HTML) 44 Page - Texas Instruments

Back Button TLC320AD50C/I Datasheet HTML 40Page - Texas Instruments TLC320AD50C/I Datasheet HTML 41Page - Texas Instruments TLC320AD50C/I Datasheet HTML 42Page - Texas Instruments TLC320AD50C/I Datasheet HTML 43Page - Texas Instruments TLC320AD50C/I Datasheet HTML 44Page - Texas Instruments TLC320AD50C/I Datasheet HTML 45Page - Texas Instruments TLC320AD50C/I Datasheet HTML 46Page - Texas Instruments TLC320AD50C/I Datasheet HTML 47Page - Texas Instruments TLC320AD50C/I Datasheet HTML 48Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 54 page
background image
5–5
Figure 5–10
8 kHz Conversion Rate
MCLK = 8.192 MHz
50
40
20
0
–65
–40
–9
–3
70
80
ADC SIGNAL-TO-NOISE RATIO
vs
INPUT SIGNAL
90
–2
–1
0
60
30
10
Input Signal – dB
70
40
20
0
–65
–40
–9
–3
80
90
100
–2
–1
0
60
50
30
10
8 kHz Conversion Rate
MCLK = 8.192 MHz
ADC SIGNAL-TO-DISTORTION RATIO
vs
INPUT SIGNAL
Input Signal – dB
Figure 5–11
50
30
20
0
–65
–40
–9
–3
60
80
90
–2
–1
0
70
40
10
8 kHz Conversion Rate
MCLK = 8.192 MHz
ADC SIGNAL-TO-(NOISE AND DISTORTION) RATIO
vs
INPUT SIGNAL
Input Signal – dB
8 kHz Conversion Rate
MCLK = 8.192 MHz
50
40
20
0
–65
–40
–9
–3
70
80
DAC SIGNAL-TO-NOISE RATIO
vs
INPUT SIGNAL
90
–2
–1
0
60
30
10
Input Signal – dB
Figure 5–12
Figure 5–13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com