Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC320AD50C/I Datasheet(PDF) 46 Page - Texas Instruments

Part # TLC320AD50C/I
Description   Sigma-Delta Analog Interface Circuits With Master-Slave Function
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLC320AD50C/I Datasheet(HTML) 46 Page - Texas Instruments

Back Button TLC320AD50C/I Datasheet HTML 42Page - Texas Instruments TLC320AD50C/I Datasheet HTML 43Page - Texas Instruments TLC320AD50C/I Datasheet HTML 44Page - Texas Instruments TLC320AD50C/I Datasheet HTML 45Page - Texas Instruments TLC320AD50C/I Datasheet HTML 46Page - Texas Instruments TLC320AD50C/I Datasheet HTML 47Page - Texas Instruments TLC320AD50C/I Datasheet HTML 48Page - Texas Instruments TLC320AD50C/I Datasheet HTML 49Page - Texas Instruments TLC320AD50C/I Datasheet HTML 50Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 54 page
background image
6–1
6 Register Set
Bits D12 through D8 in a secondary serial communication comprise the address of the register that is written with
data carried in D7 through D0. D13 determines a read or write cycle to the addressed register. When low, a write cycle
is selected.
The following table shows the register map.
Table 6–1. Register Map
REGISTER NO.
D15
D14
D13
D12
D11
D10
D9
D8
REGISTER NAME
0
0
0
0
0
0
0
0
0
No operation
1
0
0
0
0
0
0
0
1
Control 1
2
0
0
0
0
0
0
1
0
Control 2
3
0
0
0
0
0
0
1
1
Control 3
4
0
0
0
0
0
1
0
0
Control 4
6.1
Control Register 1
Table 6–2. Control Register 1
D7
D6
D5
D4
D3
D2
D1
D0
DESCRIPTION
1
–
–
–
–
–
–
–
Software reset
0
–
–
–
–
–
–
–
Software reset not asserted
–
1
–
–
–
–
–
–
Software power down (analog and filters)
–
0
–
–
–
–
–
–
Software power down (not asserted)
–
–
1
–
–
–
–
–
Select AUXP and AUXM for ADC
–
–
0
–
–
–
–
–
Select INP and INM for ADC
–
–
–
0
–
–
–
–
Select INP and INM for monitor
–
–
–
1
–
–
–
–
Select AUXP and AUXM for monitor
–
–
–
–
1
1
–
–
Monitor amplifier gain = – 18 dB (see Note 1)
–
–
–
–
1
0
–
–
Monitor amplifier gain = – 8 dB (see Note 1)
–
–
–
–
0
1
–
–
Monitor amplifier gain = 0 dB (see Note 1)
–
–
–
–
0
0
–
–
Monitor amp mute
–
–
–
–
–
–
1
–
Digital loopback asserted
–
–
–
–
–
–
0
–
Digital loopback not asserted
–
–
–
–
–
–
–
1
16-bit DAC mode (hardware secondary requests)
–
–
–
–
–
–
–
0
Not 16-bit DAC mode (software secondary requests) [(15+1)– bit mode]
Default value: 0 0 0 0 0 0 0 0
NOTE 1: These gains are for a single-ended input. The gain is 6 dB lower with a differential input.
A software reset is a one-shot operation and this bit is cleared to 0 after reset. It is not necessary to write a 0 to end
the master reset operation. Writing 0s to the reserved bits is suggested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com