Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC320AD50C/I Datasheet(PDF) 27 Page - Texas Instruments

Part # TLC320AD50C/I
Description   Sigma-Delta Analog Interface Circuits With Master-Slave Function
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLC320AD50C/I Datasheet(HTML) 27 Page - Texas Instruments

Back Button TLC320AD50C/I Datasheet HTML 23Page - Texas Instruments TLC320AD50C/I Datasheet HTML 24Page - Texas Instruments TLC320AD50C/I Datasheet HTML 25Page - Texas Instruments TLC320AD50C/I Datasheet HTML 26Page - Texas Instruments TLC320AD50C/I Datasheet HTML 27Page - Texas Instruments TLC320AD50C/I Datasheet HTML 28Page - Texas Instruments TLC320AD50C/I Datasheet HTML 29Page - Texas Instruments TLC320AD50C/I Datasheet HTML 30Page - Texas Instruments TLC320AD50C/I Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 54 page
background image
2–12
ADC input. These input sources are selected by bits D4 and D5 of control register 1. The default condition self-biases
the input since the register default value selects INP and INM as the source for both the ADC and monitor amplifier
input (see Figure 2–16). A simple single-pole antialias filter with low output impedance must be connected to INP and
INM (also AUXP and AUXM, if used).
VINP
INP
VINM
INM
2.5 V
35 k
Ω
35 k
Ω
Figure 2–16. INP and INM Internal Self-Biased (2.5 V) Circuit
2.9.1
Analog Output
The OUTP and OUTM are differential outputs and can drive a typical 600-
Ω load directly. Figure 2–17 shows the circuit
when load is ground referenced.
_
+
10 k
Ω
10 k
Ω
TLE2062
10 k
Ω
–5 V
5 V
10 k
Ω
Load
OUTM
OUTP
Figure 2–17. Differential Output Drive (Ground Referenced)
OUTP (Solid Line)
OUTM (Dashed Line)
4 V
2.5 V
1 V
(Virtual 0)
Digital Input Code
Analog Output Voltage
(+FS) 0111 1111 1111 1111
(Virtual 0) 0000 0000 0000 0000
(–FS) 1000 0000 0000 0000
OUT +
4 V
2.5 V
1 V
OUT –
1 V
2.5 V
4 V
Figure 2–18. Digital Input Code vs Analog Output Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com