Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC320AD50C/I Datasheet(PDF) 47 Page - Texas Instruments

Part # TLC320AD50C/I
Description   Sigma-Delta Analog Interface Circuits With Master-Slave Function
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLC320AD50C/I Datasheet(HTML) 47 Page - Texas Instruments

Back Button TLC320AD50C/I Datasheet HTML 43Page - Texas Instruments TLC320AD50C/I Datasheet HTML 44Page - Texas Instruments TLC320AD50C/I Datasheet HTML 45Page - Texas Instruments TLC320AD50C/I Datasheet HTML 46Page - Texas Instruments TLC320AD50C/I Datasheet HTML 47Page - Texas Instruments TLC320AD50C/I Datasheet HTML 48Page - Texas Instruments TLC320AD50C/I Datasheet HTML 49Page - Texas Instruments TLC320AD50C/I Datasheet HTML 50Page - Texas Instruments TLC320AD50C/I Datasheet HTML 51Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 54 page
background image
6–2
6.2
Control Register 2
Table 6–3. Control Register 2
D7
D6
D5
D4
D3
D2
D1
D0
DESCRIPTION
X
–
–
–
–
–
–
–
FLAG output value
–
1
–
–
–
–
–
–
Phone mode enable
–
0
–
–
–
–
–
–
Phone mode disable
–
–
X
–
–
–
–
–
Decimator FIR overflow flag (valid only during read cycle)
–
–
–
1
–
–
–
–
16-bit ADC mode
–
–
–
0
–
–
–
–
Not-16-bit ADC mode [(15+1)– bit mode]
–
–
–
–
–
X
0
0
Reserved (TLC320AD50C only)
–
–
–
–
–
0
0
0
FSD enable (TLC320AD52C only)
–
–
–
–
–
1
–
–
FSD disable (TLC320AD52C only)
–
–
–
–
1
–
–
–
Analog loopback enabled
–
–
–
–
0
–
–
–
Analog loopback disabled
Default value: 00000000
Writing 0s to the reserved bits is suggested.
6.3
Control Register 3
The following command contains the frame-sync delay (FSD) register address and loads D7 (MSB)–D0 into the FSD
register. The data byte (D5–D0) determines the number of SCLKs between FS and the delayed frame-sync signal,
FSD. The minimum data value for this portion of the register, bits D5–D0, is decimal 18.
Table 6–4. Control Register 3
D7
D6
D5
D4
D3
D2
D1
D0
DESCRIPTION
–
–
X
X
X
X
X
X
Number of SCLKs between FS and FSD
X
X
–
–
–
–
–
–
Binary number of slave devices (3 maximum for TLC320AC50C, 1 maximum for
TLC320AC52C)
Default value: 00000000
Writing 0s to the reserved bits is suggested.
6.4
Control Register 4
Table 6–5. Control Register 4
D7
D6
D5
D4
D3
D2
D1
D0
DESCRIPTION
–
–
–
–
1
1
–
–
Analog input gain = mute
–
–
–
–
1
0
–
–
Analog input gain = 12 dB
–
–
–
–
0
1
–
–
Analog input gain = 6 dB
–
–
–
–
0
0
–
–
Analog input gain = 0 dB
–
–
–
–
–
–
1
1
Analog output gain = mute
–
–
–
–
–
–
1
0
Analog output gain = – 12 dB
–
–
–
–
–
–
0
1
Analog output gain = – 6 dB
–
–
–
–
–
–
0
0
Analog output gain = 0 dB
–
X
X
X
–
–
–
–
Sample frequency select (N): fs = MCLK/(128  N) or MCLK/(512  N)
1
–
–
–
–
–
–
–
Bypass internal DPLL
0
–
–
–
–
–
–
–
Enable internal DPLL
Default value: 00000000
The value of the sample frequency divisor, N, is determined by the octal representation of bits D4–D6. Hence,
001 = 1, 010 = 2, etc. By setting D4–D6 to 000, N = 8 is selected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com