Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9663 Datasheet(PDF) 51 Page - STMicroelectronics

Part # L9663
Description  Automotive PSI5 Transceiver IC
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9663 Datasheet(HTML) 51 Page - STMicroelectronics

Back Button L9663 Datasheet HTML 47Page - STMicroelectronics L9663 Datasheet HTML 48Page - STMicroelectronics L9663 Datasheet HTML 49Page - STMicroelectronics L9663 Datasheet HTML 50Page - STMicroelectronics L9663 Datasheet HTML 51Page - STMicroelectronics L9663 Datasheet HTML 52Page - STMicroelectronics L9663 Datasheet HTML 53Page - STMicroelectronics L9663 Datasheet HTML 54Page - STMicroelectronics L9663 Datasheet HTML 55Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 106 page
background image
DS11401 Rev 6
51/106
L9663
Communication interface
105
NOPR
No Operation Register
Address:
000011
Type:
R/W
Description:
SR1
Status Register 1
Address:
000100
Type:
RC (latched and cleared on read, except if otherwise specified)
Description:
[2] RESERVED
[1] MASK_SYNC1: SYNC pulse enable / disable for PSI5 interface 1
0: SYNC pulse disabled
1: SYNC pulse enabled (if in synchronous mode, otherwise ignored)
[0] PSI1_EN: Enable PSI5 interface 1
0: interface off
1: interface on
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
--
--
---
---
--
---
-
Default value:
00
00
000
000
00
000
0
R/W
Write into this register to perform no operation and read the Global Status Bits.
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Default value:
--
--
---
---
--
---
-
RC
[15] XCT_COMPL: Cross-coupling test completed
[14] XCT_ABT: Cross-coupling test aborted
[13] XCT_RUN: Cross-coupling test running [realtime]
[12] SPI_FLT: SPI fault (CRC error, clock cycles, wrong H/L read operation on sensor data, register
address not valid)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com