Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9663 Datasheet(PDF) 14 Page - STMicroelectronics

Part # L9663
Description  Automotive PSI5 Transceiver IC
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9663 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button L9663 Datasheet HTML 10Page - STMicroelectronics L9663 Datasheet HTML 11Page - STMicroelectronics L9663 Datasheet HTML 12Page - STMicroelectronics L9663 Datasheet HTML 13Page - STMicroelectronics L9663 Datasheet HTML 14Page - STMicroelectronics L9663 Datasheet HTML 15Page - STMicroelectronics L9663 Datasheet HTML 16Page - STMicroelectronics L9663 Datasheet HTML 17Page - STMicroelectronics L9663 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 106 page
background image
Overall description
L9663
14/106
DS11401 Rev 6
The device offers a high level of flexibility on power supply configuration. The calculated
maximum power dissipation can reach 1.6 W considering the worst case configuration.
1.6
Detailed block diagram
Figure 4. Detailed block diagram
Temperature
Ta
Ambient operating temperature range
-40
140
°C
Tj
Junction operating temperature range
-40
175
°C
Rthja
Package thermal resistance (on PCB JEDEC
2s2p)
45
°C/W
Table 4. Pin maximum ratings (continued)
Symbol
Description
Min
Max
Unit
Bootstrap
#1
Sync Pulse
generator #1
- current
limitation;
VB
BL1
BH1
SYNC1
VDD
Wake
Up
DGND
Monitor
POR
+VINTD/A
Monitors
DGND
RESETN
VAS
VGS
PSI#1 main:
- current decoder;
- high voltage
protection;
- voltage
regulation;
- current
limitation;
PSI1
Sync Pulse
Monitor#1
PSIx_uv
Monitor #1
PSI1 diagnostics:
- short to high
voltage;
- overcurrent (stg);
- leakage to
ground;
- open load;
- overtemperature;
Reset
control
VAS pre-
regulator
Clock control +
diagnostics
CLKIN
Main oscillator
16MHz + spread
spectrum + FLL
Monitor oscillator
7.5MHz + spread
spectrum
Ibias
clk
Charge
Pump
VASSUP
VINTA
regulator
VINTD
regulator
VGS-VAS
Clamp
Soft
Start
VAS uv/ov
Monitor
VAS uvl
Monitor
BH2
SYNC2
BL2
PSI2
PSI5 ch#2
PSI5 ch#1
DOUT2
DOUT1
SCLK
CS
MOSI
MISO
SPI Module
Trimming:
- bandgap;
currents;
- oscillators;
- en clock
monitor;
- PSI5 IFs;
- Sync Pulse Vth
Direct IF /
Interrupt gen
TM
Data
Management
Logic #1
Bandgap1
(main)
Bandgap2
(monitor)
VINTD
VassupOV
Monitor
VB OV
Monitor
Current
Reference
and
generator
GND1
GND2
Substrate
GND
CB1
CB2
CVINTD
CVB
CVDD
CVAS
PSI5
Sensors
Line
L9663
Init data
buffers
VDD
VSUP
RE2_2
CE_2
CL_2
PSI5
Sensors
Line
RE2_1
CE_1
CL_1
GAPG1610151215PS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com