Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9663 Datasheet(PDF) 29 Page - STMicroelectronics

Part # L9663
Description  Automotive PSI5 Transceiver IC
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9663 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button L9663 Datasheet HTML 25Page - STMicroelectronics L9663 Datasheet HTML 26Page - STMicroelectronics L9663 Datasheet HTML 27Page - STMicroelectronics L9663 Datasheet HTML 28Page - STMicroelectronics L9663 Datasheet HTML 29Page - STMicroelectronics L9663 Datasheet HTML 30Page - STMicroelectronics L9663 Datasheet HTML 31Page - STMicroelectronics L9663 Datasheet HTML 32Page - STMicroelectronics L9663 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 106 page
background image
DS11401 Rev 6
29/106
L9663
Satellite interface
105
In case of PSI5 v2.x, the length of the data region can vary between k = 10 … 28 bits, with
1-bit granularity. The data region can be split into the following fields and regions:
Signal payload region 1 with data bits A0 … A[n-1] (scalable n = 10…24 with 1-bit
granularity)
Signal payload region 2 with data bits B0 … B[m-1] (scalable m = 0…12 with 1-bit
granularity)
Sensor status E0.. E[r-1] (optional r = 0, 1 or 2 bit)
–
This optional status bit can be used to show that the data of the current frame are
faulty.
Frame control, type of frame F0, …F[q-1] (optional q = 0, 1, 2, 3 or 4 bit)
–
This frame control can be used to number the frames which are sent after a sync
pulse.
Serial (slow) messaging channel (optional) M0, M1 (optional 0 or 2 bit)
Time slot monitoring
The time slot monitoring is active only in synchronous mode.
The time slot monitoring is required to check if the sensors connected to the transceiver
work properly in terms of timing, i.e. if they are sending data frames within their defined time
slot.
Basic features:
3 configurable modes
Failure bit
During a synchronous pulse period (TSYNC), a maximum number of 6 frames can be
configured. Each frame has its own time slot, to be configured through dedicated
configuration registers. The registers contain the reference time needed to check if the
sensor data is transmitted during the defined time slot.
The resolution of time slots is 1 µs. The time slot monitoring timings are applied starting
from the internal sync pulse trigger. This internal trigger falls td_SPI (or td_SYNC, depending
on sync pulse trigger configuration) after the external one (via SPI or SYNC pin).
Three different configurations for the time slot monitoring are available:
Standard configuration: monitoring the correct start and end time of a unique frame
within a time slot
Simple configuration: monitoring only the end time of a frame within a time slot
No monitoring configuration: monitoring is disabled and data are stored in successive
slots.
The time slot monitoring can be activated/deactivated separately for each interface
(registers CHx_CR1, bits TSMx_SEL).
In case of standard configuration, the IC accepts as valid frame in a timeslot only a frame
which starts and ends within its timeslot; if more than one valid frame is received within its
timeslot, only the last one received is kept.
On the other side, in case frames span across slots, the frame is discarded and the error
code 1FC (timing violation) is stored in the correspondent buffer; in this case the decoder is
reset at every slot start. After this reset if a frame was being decoded, a slot error is set in
the previous slot but no slot error is set. Then the Manchester FSM after reset checks again



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com