Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9663 Datasheet(PDF) 34 Page - STMicroelectronics

Part # L9663
Description  Automotive PSI5 Transceiver IC
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9663 Datasheet(HTML) 34 Page - STMicroelectronics

Back Button L9663 Datasheet HTML 30Page - STMicroelectronics L9663 Datasheet HTML 31Page - STMicroelectronics L9663 Datasheet HTML 32Page - STMicroelectronics L9663 Datasheet HTML 33Page - STMicroelectronics L9663 Datasheet HTML 34Page - STMicroelectronics L9663 Datasheet HTML 35Page - STMicroelectronics L9663 Datasheet HTML 36Page - STMicroelectronics L9663 Datasheet HTML 37Page - STMicroelectronics L9663 Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 106 page
background image
Satellite interface
L9663
34/106
DS11401 Rev 6
Basic features:
Registers for initialization data (up to 8 init data buffer by 16 word available)
Automatic detection of init data
Reading via SPI
Figure 19. Timing diagram
After the activation of an interface, the transceiver IC can check for incoming sensor
initialization data on that interface and store the data for further processing. This behavior is
triggered by the configuration bit READ_INIT_DATA on that channel.
If the bit is set, an internal FSM checks for IDn and data blocks Dn in the incoming payload
data on that interface and stores data in the init buffer id (init_buf_id) of the corresponding
frame id at address n-1 in the following format:
The frame control bits allow using up to 8 init data buffers when automatic storage of init
data is activated and both interfaces are used (READ_INIT_DATA1 = READ_INIT_DATA2 =
1). In case only one interface is active, the IC can store up to 6 init data on that interface.
As specified in PSI5, data nibbles D2 and D3 contain the number of datablock expected for
the all init procedure for each particular frame id; when all the init data are received for the
engaged sensors (i.e. for the sensors which had sent at least one correct data blocks) on
both the interfaces, the init_data_rdy is set and the µC can read all the init data by SPI.
During reset, the incoming data buffer is cleared and the counters for each initialization data
block are set to "00".
RegAddr
15 (MSB)
10
9
6
5
0 (LSB)
n-1
additional data from blockid
message (6 bits --- 0 bits)
data block ( 4 bits )
additional data from data
message (6 bits --- 0 bits)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com