Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9663 Datasheet(PDF) 17 Page - STMicroelectronics

Part # L9663
Description  Automotive PSI5 Transceiver IC
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9663 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button L9663 Datasheet HTML 13Page - STMicroelectronics L9663 Datasheet HTML 14Page - STMicroelectronics L9663 Datasheet HTML 15Page - STMicroelectronics L9663 Datasheet HTML 16Page - STMicroelectronics L9663 Datasheet HTML 17Page - STMicroelectronics L9663 Datasheet HTML 18Page - STMicroelectronics L9663 Datasheet HTML 19Page - STMicroelectronics L9663 Datasheet HTML 20Page - STMicroelectronics L9663 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 106 page
background image
DS11401 Rev 6
17/106
L9663
Power supply
105
2
Power supply
2.1
Internal supply
The internal analog and digital part is supplied by the supply voltage VB. The necessary
power supply for the internal digital and analog parts is generated internally by the
transceiver IC. The generated voltage is monitored. In case of under/over voltage, the
transceiver IC performs a power on reset (POR).
Figure 7. Internal power supply and reset generation
Basic features:
Voltage regulator
Under / Over voltage monitoring
Reset generation of the IC in case of under / over voltage
Figure 8. Input structure of supply
VINTA
VINTA_OV
VINTA
Monitor
VINTA_UV
VINTD_OV
VINTD
Monitor
VINTD_UV
VINTD
VBGM
(Monitor)
DGND
Monitor
DGND
GND1/2
DGND_LOSS
VBG_READY
Reference for
Controlling all supplies
VBGR
(Reference)
POR
VINTA_UV/OV
DGND_LOSS
VBG_READY
CLKFRERR
VINTD_UV/OV
GAPG1610151530PS
3.3V internal
analog/digital
supply regulator
VB
VINTD
DGND
C
VINTA
PSI5 transceiver
GAPG1610151541PS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com