Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9663 Datasheet(PDF) 20 Page - STMicroelectronics

Part # L9663
Description  Automotive PSI5 Transceiver IC
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9663 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button L9663 Datasheet HTML 16Page - STMicroelectronics L9663 Datasheet HTML 17Page - STMicroelectronics L9663 Datasheet HTML 18Page - STMicroelectronics L9663 Datasheet HTML 19Page - STMicroelectronics L9663 Datasheet HTML 20Page - STMicroelectronics L9663 Datasheet HTML 21Page - STMicroelectronics L9663 Datasheet HTML 22Page - STMicroelectronics L9663 Datasheet HTML 23Page - STMicroelectronics L9663 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 106 page
background image
Power supply
L9663
20/106
DS11401 Rev 6
circuit can be bypassed by disabling it through the dedicated SPI command (bit 12 of
CH1_CR2, CH2_CR2, writable during PROG phase).
The bootstrap blocks are automatically switched off in case the voltage on VB is high
enough to allow proper regulation. In this case both CBx capacitors should be omitted.
The VSYNCx voltage can supply a 2.5 V minimum sync pulse as per PSI5 v2.x low power
mode down to VB = 4.8 V and a 3.5 V minimum sync pulse down to VB = 5.2 V, with a
maximum quiescent current level of 35mA and down to minimum 200 µs period between
sync pulses. The block is protected against reverse feeding to VB.
The bootstrap module is fully functional while VB and VDD are all inside their specified
voltage ranges.
2.4
Power supply for PSI5 sensor line
Basic features:
Reverse voltage protection structure
Voltage limitation and current limitation for PSIx input/output
Protection against negative voltages on PSIx transceiver pin due to ground shifts
Disconnection of PSIx from VAS in failure cases
The PSI5 transceiver IC is supplied directly from the pin VAS. It includes blocks with the
following functionalities:
Reverse voltage protection structure and gate driver block for
–
Voltage clamp on PSIx in case of VAS fault
–
Backward voltage supply blocking mechanism from PSIx to VAS
–
Sensor supply by switching VAS to the PSIx pin
–
Disconnection of PSIx from the VAS if required or in failure cases
Under voltage detection block to implement cross coupling test between the two
channels (see Section 3.7.5 and 4.2)
Receiver block for Sensor Data receive (see Section 3.1 for details).
The reverse voltage protection structure is also used to switch off the PSIx transceiver
channel, if:
the local junction temperature exceeds its maximum rating and the channel is in
overcurrent
an overcurrent condition on PSIx is detected (STG)
a short to battery is detected
it is requested via SPI or RESETN pin.
In case of short to battery on the PSIx lines, there is no interference to any other IC
pin/supply including SPI.
The two interfaces can be enabled by SPI command, and the enable has effect only if VAS
under voltage signals are not asserted.
If an over temperature condition (OT) occurs, the interface that is also in overcurrent
condition is switched off and a failure bit is set. The fault bit is latched and cleared only when
a SPI switch off command is sent for confirmation on the line that was automatically
switched off. The shutoff of one interface does not affect the second interface.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com