Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9663 Datasheet(PDF) 97 Page - STMicroelectronics

Part # L9663
Description  Automotive PSI5 Transceiver IC
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9663 Datasheet(HTML) 97 Page - STMicroelectronics

Back Button L9663 Datasheet HTML 93Page - STMicroelectronics L9663 Datasheet HTML 94Page - STMicroelectronics L9663 Datasheet HTML 95Page - STMicroelectronics L9663 Datasheet HTML 96Page - STMicroelectronics L9663 Datasheet HTML 97Page - STMicroelectronics L9663 Datasheet HTML 98Page - STMicroelectronics L9663 Datasheet HTML 99Page - STMicroelectronics L9663 Datasheet HTML 100Page - STMicroelectronics L9663 Datasheet HTML 101Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 106 page
background image
DS11401 Rev 6
97/106
L9663
Electrical characteristics
105
Table 25. SPI communication timing
Symbol
Parameter / Condition
Min
Typ
Max
Unit
fSPICLK
SCLK frequency
-
10
-
MHz
tCLK-high/low SCLK high/low time
30
-
-
ns
tlead
CS to SCLK delay
180
-
-
ns
tlag
SCLK to CS delay
45
-
-
ns
tdisablelead
SCLK disable lead time
10
-
-
ns
tdisablelag
SCLK disable lag time
10
-
-
ns
tMOSI-set
MOSI to SCLK delay
10
-
-
ns
tMOSI-hold
SCLK to MOSI delay
10
-
-
ns
tMISO-delay
SCLK to MISO delay, CL≤ 90 pF
-
-
30
ns
tMISO-delay
SCLK to MISO delay, CL = 25 pF (Design info)
-
-
21
ns
tMISO-delay
SCLK to MISO delay, CL = 200 pF (Design info)
-
-
75
ns
tMISO-active
CS to MISO active delay, CL≤ 90 pF
-
-
30
ns
tMISO-tristate CS to MISO tristate delay, CL≤ 90 pF
-
-
30
ns
tSPICS-high
CS high time
200
-
-
ns
IMISO_tristate MISO leakage current
-10
-
10
µA
Table 26. Direct interface
Symbol
Parameter / Condition
Min
Typ
Max
Unit
VSYNCx-H
SYNCx high threshold
-
-
2
V
VSYNCx-L
SYNCx low threshold
0.8
-
-
V
∆VSYNCx
SYNCx Hysteresis
100
150
-
mV
tdeglitch
Deglitch filter for SYNCx path
-
500
-
ns
VDout-L
DOUTx Low level (Isink=2mA)
-
-
0.4
V
VDout-H
DOUTx High level (Isource=2mA)
VDD-
0.45
--
V
tDOUTx-delay
DOUTx output buffer delay, CL≤ 50pF (Design
info)
--
90
ns
-
DOUTx rising and falling edge delay difference,
CL≤ 50pF
-50
-
+50
ns
tLatency_DOUTx_HF_IIR
Latency time between receiving sensor data @
PSIx pin and reaching threshold high level of
DOUTx pin (trigger point: 80% of PSIx
modulated current, @189kBps, deglitch filter
with default value).
-
-
3.05
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com