Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9663 Datasheet(PDF) 85 Page - STMicroelectronics

Part # L9663
Description  Automotive PSI5 Transceiver IC
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9663 Datasheet(HTML) 85 Page - STMicroelectronics

Back Button L9663 Datasheet HTML 81Page - STMicroelectronics L9663 Datasheet HTML 82Page - STMicroelectronics L9663 Datasheet HTML 83Page - STMicroelectronics L9663 Datasheet HTML 84Page - STMicroelectronics L9663 Datasheet HTML 85Page - STMicroelectronics L9663 Datasheet HTML 86Page - STMicroelectronics L9663 Datasheet HTML 87Page - STMicroelectronics L9663 Datasheet HTML 88Page - STMicroelectronics L9663 Datasheet HTML 89Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 106 page
background image
DS11401 Rev 6
85/106
L9663
Communication interface
105
CRC generation is based on the same calculation scheme used for PSI5 sensor data
(generator polynomial g(x)=1+x+x3, initialization value "111") with MSB passed first.
In case the IC receives a not valid register address on MOSI, the address bit are recognized
as invalid address; in this case the two last bit on MISO (i.e. CRC[1:0]) are intentionally
corrupted, inverting their values (NOT operator).
The same action is also performed either in case of access to a not valid register (address >
59) or in case of:
slot error when PSI5 data SPI frame.
write access to read only registers.
Frame L-H wrong sequence.
Figure 27. Operation on internal register (with upstream data buffer)
Figure 28. Init data reading
Sensor data Reading:
Timeslot coding: Timeslot1=001, …, timeslot6=110
SID and Gbit are supported only for 10 - 16 bit and enabled by 1 single configuration bit =
GCR1(2)
Two kinds of transfer are possible:
1.
No SID, payload ≤ 20 bit; SID and GBIT, payload ≤ 16 bit: one transfer needed
2.
No SID, payload > 20 bit: two transfers are needed.
In case 1) the L/H bit must be L (0).
In case 2) the device expects a sequence H - L on the L/H bit to transmit first the MSB part
of the data and then the LSB.
To guarantee a safe communication with two SPI transfers:
if CRC is the one from the sensor (GCR1(1)=0) , CRC is the same on both transfers
and it's the one from the sensor;
if CRC is calculated on SPI (GCR1(1)=1), CRC is calculated over bits 26:3 in each
frame.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com