Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9663 Datasheet(PDF) 69 Page - STMicroelectronics

Part # L9663
Description  Automotive PSI5 Transceiver IC
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9663 Datasheet(HTML) 69 Page - STMicroelectronics

Back Button L9663 Datasheet HTML 65Page - STMicroelectronics L9663 Datasheet HTML 66Page - STMicroelectronics L9663 Datasheet HTML 67Page - STMicroelectronics L9663 Datasheet HTML 68Page - STMicroelectronics L9663 Datasheet HTML 69Page - STMicroelectronics L9663 Datasheet HTML 70Page - STMicroelectronics L9663 Datasheet HTML 71Page - STMicroelectronics L9663 Datasheet HTML 72Page - STMicroelectronics L9663 Datasheet HTML 73Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 106 page
background image
DS11401 Rev 6
69/106
L9663
Communication interface
105
CH2_CR3 (PROG)
Channel 2 Configuration Register 3
Address:
100001
Type:
R/W
Description:
[4:0] CH2_NOB1: Number of data bits in time slot 1
01000: 8 data bits
…
11100: 28 data bits
others: default (20 bit)
Settings programmed for time slot 1 are automatically applied to the other time slots in case at least one of the
following conditions in CH2_CR2 register is verified:
– READ_INIT_DATA2 = '1'
– TSM2_SEL = ‘10’ (simple configuration)
– SYNC2_EN = '0' (asynchronous mode)
Although the settings of time slot 1 are automatically applied by the logic to other time slots, these are not written in
the corresponding configuration registers. In order to avoid not up-to-date readout of the time slot configuration by
SPI and to prevent from wrong SPI errors in case of mismatches in the number of SPI transfers (refer to
Section 5.2.4
case 2), it is recommended to confirm the time slot 1 configuration also for the other times slots.
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Default value:
00
00
010
100
01
010
0
R/W
[15:12] RESERVED
[11] CH2_CRCP4: Parity or CRC in time slot 4
0: CRC
1: parity
[10:6] CH2_NOB4: Number of data bits in time slot 4
01000: 8 data bits
…
11100: 28 data bits
others: default (20 bit)
[5] CH2_CRCP3: Parity or CRC in time slot 3
0: CRC
1: parity
[4:0] CH2_NOB3: Number of data bits in time slot 3
01000: 8 data bits
…
11100: 28 data bits
others: default (20 bit)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com