Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9663 Datasheet(PDF) 89 Page - STMicroelectronics

Part # L9663
Description  Automotive PSI5 Transceiver IC
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9663 Datasheet(HTML) 89 Page - STMicroelectronics

Back Button L9663 Datasheet HTML 85Page - STMicroelectronics L9663 Datasheet HTML 86Page - STMicroelectronics L9663 Datasheet HTML 87Page - STMicroelectronics L9663 Datasheet HTML 88Page - STMicroelectronics L9663 Datasheet HTML 89Page - STMicroelectronics L9663 Datasheet HTML 90Page - STMicroelectronics L9663 Datasheet HTML 91Page - STMicroelectronics L9663 Datasheet HTML 92Page - STMicroelectronics L9663 Datasheet HTML 93Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 106 page
background image
DS11401 Rev 6
89/106
L9663
Electrical characteristics
105
Table 12. VAS supply
Symbol
Parameter / Condition
Min
Typ
Max
Unit
VAS
Supply voltage VAS normal operation (Test info)
4.3
16
V
VAS,rip
Max. voltage ripple on VAS (1) (Test info)
1. This voltage ripple, that will anyhow not exceed minimum VAS voltage value, does not lead to corrupted
data reception.
-1.5
1
V
SR_VAS,rip
Slew rate of the voltage ripple on VAS
(Test info)
––
50
mV/µs
I_VAS,eff
Effective current for VAS: (Design info)
2 * 60 mA (effective for 45 mA supply current;
30mA data current)
+ 5mA current for all included Transceiver blocks
supplied from VAS.
––
125
mA
I_VAS,peak
Dynamic current for VAS: (Design info)
1 * 75 mA (45 mA supply current; 30mA data
current)
+ 130 mA (STG on 2nd IF)
+ 5 mA current for all included Transceiver blocks
supplied from VAS.
––
210
mA
Table 13. VAS external MOS
Symbol
Parameter / Condition(1)
1. Main parameters for choice of external component.
Min
Typ
Max
Unit
Vgs_ext
Gate to Source voltage (Test info)
-20
20
V
Vgsth_ext
Gate threshold voltage, with VDS = VGS,
ID = 250 µA (Test info)
1–
2.5
V
Vgl_ext
Gate leakage current at VGS = 20 V, VDS = 0 V
(Test info)
-10
10
µA
Rdson_ext
Drain to Source on state resistance at
VGS = 4.5 V, ID = 2.6 A (Test info)
––
150
mΩ
Ciss_ext
Input Capacitance at VGS=0V, VDS=25V f=1MHz
(Test info)
1100
pF
Coss_ext
Output Capacitance at VGS=0V, VDS=25V
f=1MHz (Test info)
––
170
pF
tdon_ext
Turn on delay time at VDS=30V, VGS=4.5V,
ID=2.6A, RG=16Ω (Test info)
20
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com