Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9663 Datasheet(PDF) 37 Page - STMicroelectronics

Part # L9663
Description  Automotive PSI5 Transceiver IC
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9663 Datasheet(HTML) 37 Page - STMicroelectronics

Back Button L9663 Datasheet HTML 33Page - STMicroelectronics L9663 Datasheet HTML 34Page - STMicroelectronics L9663 Datasheet HTML 35Page - STMicroelectronics L9663 Datasheet HTML 36Page - STMicroelectronics L9663 Datasheet HTML 37Page - STMicroelectronics L9663 Datasheet HTML 38Page - STMicroelectronics L9663 Datasheet HTML 39Page - STMicroelectronics L9663 Datasheet HTML 40Page - STMicroelectronics L9663 Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 106 page
background image
DS11401 Rev 6
37/106
L9663
Satellite interface
105
Triggering via SYNCx pins with upstream data buffer. When the SYNCx pin is
triggered, the sync pulse trigger generator internally generates the appropriate sync
pulses, depending on the value in the upstream data buffer.
Triggering via trigger pulse timer: the transceiver IC automatically generates the sync
pulses at fixed time intervals, depending on the value in the upstream data buffer.
The default configuration at startup is to use the triggering via SYNCx pins without upstream
data buffer.
If the triggering with upstream data buffer is used and there aren't data to be sent to the
sensor, a short pulse is sent.
The switch matrix is configurable by an SPI command. It determines whether the sync
pulses are triggered via SPI by the trigger generator (transceiver IC in mode 1) or by the
external trigger pins (transceiver IC in mode 2).
If the trigger pulse timer is used to generate the sync pulse trigger, the interval between two
pulses on interface x is configured by the SPI register SYNC Pulse Timer (SPT). It's
possible also to program the delay between interface 1 and interface 2 sync pulses through
the SYNC_DELAY_PSI1_PSI2 bits in ADVSET2 register. In case the sync pulse trigger
comes from SPI commands or SYNCx pins, the programmed pulse timer still has the
functionality of a filtering time with respect to those triggering commands.
If full flexibility for the sync pulse interval is required, use direct triggering either via SPI or
direct interface.
3.6
Synchronous pulse generator
The Synchronous Pulse Generator is designed to generate synchronous pulses conform to
PSI5 rev. 1.3 (min Vt2 = 3.5 V) as well PSI5 rev. 2.x (min Vt2 = 2.5 V).
The sync pulse is granted according to PSI5 standard with the Ibase current range up to
35 mA.
If the pulse trigger generation is configured with an external trigger and without the
upstream data buffer, the external source must manage the encoding via SPI CHCNT
register (for tooth gap and pulse width methods) or via PIN (tooth gap method only), for what
concerns the duration of the sync pulse (i.e. ECU to sensor communication), otherwise the
IC manages the encoding (tooth gap or pulse width methods, specified in register GCR1, bit
PSIx_TGAP_PW).
An automatic hardware based slew rate control (SRC) ensures PSI5 compliant slew rates
for the rising and falling edge of the sync pulse for an overall capacitive bus load of 15 to
107 nF. The Sync Pulse is shaped like raised cosine instead of trapezoidal to reduce EMC
emission.
During the duration of the sync pulse, the corresponding PSI5 receiver is frozen to avoid
erroneous data detection.
VDD, VAS and VB and other supply voltages are protected against reverse feeding from the
sync pulse.
The pulse length at PSIx will be generated using the Sync Pulse Trigger Generator.
In case of trigger by pin without UDB, the Sync Pulse Generator starts the sync pulse with
the positive edge of the trigger signal, after SYNCx pin filter. The duration of the sync pulse



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com