Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9663 Datasheet(PDF) 52 Page - STMicroelectronics

Part # L9663
Description  Automotive PSI5 Transceiver IC
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9663 Datasheet(HTML) 52 Page - STMicroelectronics

Back Button L9663 Datasheet HTML 48Page - STMicroelectronics L9663 Datasheet HTML 49Page - STMicroelectronics L9663 Datasheet HTML 50Page - STMicroelectronics L9663 Datasheet HTML 51Page - STMicroelectronics L9663 Datasheet HTML 52Page - STMicroelectronics L9663 Datasheet HTML 53Page - STMicroelectronics L9663 Datasheet HTML 54Page - STMicroelectronics L9663 Datasheet HTML 55Page - STMicroelectronics L9663 Datasheet HTML 56Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 106 page
background image
Communication interface
L9663
52/106
DS11401 Rev 6
SR2
Status Register 2
Address:
000101
Type:
RC (latched and cleared on read, except if otherwise specified)
Description:
[11] OTP_CRC_ERR: Error from OTP trimming bits [realtime]
[10] VAS_UV: Under voltage detected on VAS. Latched bit
[9] VAS_OV: Over voltage detected on VAS [realtime]
[8] VAS_UVL: Under voltage detected on VAS. When below VVASU_off, VAS is switched off.
Latched bit. Cleared upon VAS_EN=’0’ confirmation from MCU
[7] SYNC2_TOUT: Exceeded tw timeout of 100 µs on SYNC2 pin during sync pulse (sync pulse
driven by pin source)
[6] UDB2_FLT: Write operation on Upstream Data Buffer 2 occurred while buffer is busy (i.e.
UDB2_BUSY=1)
[5] SYNC2_SLOW: No SYNC pulse generated, delayed SYNC pulse or SYNC voltage <
2.5V/3.5V on PSI5 interface 2
[4] SYNC2_UV: SYNC pulse < 2.5V/3.5V for a time longer than specified on PSI5 interface 2
[3] SYNC1_TOUT: Exceeded tw timeout of 100 µs on SYNC1 pin during sync pulse (sync pulse
driven by pin source)
[2] UDB1_FLT: Write operation on Upstream Data Buffer 1 occurred while buffer is not empty (i.e.
UDB1_BUSY=1)
[1] SYNC1_SLOW: No SYNC pulse generated, delayed SYNC pulse or SYNC voltage < 2.5V/3.5V
on PSI5 interface 1
[0] SYNC1_UV: SYNC pulse < 2.5V/3.5V for a time longer than specified on PSI5 interface 1
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Default value:
--
--
---
---
--
---
-
RC
[15] XCT2_R(1): Result of cross-coupling test on PSI5 interface 2
[14] BE2: Buffer empty fault on PSI5 interface 2
[13] OL2: Open load on PSI5 interface 2
[12] STB2Short to VBAT on PSI5 interface 2
Masked towards FSR2 status bit during cross coupling test
[11] LKG2: Leakage to GND on PSI5 interface 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com