Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9663 Datasheet(PDF) 90 Page - STMicroelectronics

Part # L9663
Description  Automotive PSI5 Transceiver IC
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9663 Datasheet(HTML) 90 Page - STMicroelectronics

Back Button L9663 Datasheet HTML 86Page - STMicroelectronics L9663 Datasheet HTML 87Page - STMicroelectronics L9663 Datasheet HTML 88Page - STMicroelectronics L9663 Datasheet HTML 89Page - STMicroelectronics L9663 Datasheet HTML 90Page - STMicroelectronics L9663 Datasheet HTML 91Page - STMicroelectronics L9663 Datasheet HTML 92Page - STMicroelectronics L9663 Datasheet HTML 93Page - STMicroelectronics L9663 Datasheet HTML 94Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 106 page
background image
Electrical characteristics
L9663
90/106
DS11401 Rev 6
Table 14. VAS pre regulator
Symbol
Parameter / Condition
Min
Typ
Max
Unit
VAS5DC
Regulated VAS voltage
5.3 V output selection
VSUP ≥ 5.8 V (supply of external NFET)
VASSUP ≥ 5.3 V
Static load condition: 4 mA ≤ Iload ≤ 210 mA
-2.5%
5.3
+2%
V
VAS7DC
Regulated VAS voltage
7.6 V output selection
VSUP > 8 V (supply of external NFET)
VASSUP ≥ 7.6V
Static load condition 4 mA ≤Iload ≤210 mA
-4%
7.6
4%
V
VAS5LS
Maximum ripple on VAS output in load step
condition
5.3 V output selection
VSUPR ≥ 5.8 V (supply of external NFET)
VASSUP ≥ 5.3 V
Transient load: 0 mA to 210 mA and 210 mA
to 0 mA in 0.5 µs
-5%
VAS5DC
+5%
V
VAS7LS
Maximum ripple on VAS output in load step
condition
7.6 V output selection
VSUP > 8V (supply of external NFET)
VASSUP ≥ 7.6 V
Transient load: 0 mA to 210 mA and 210 mA
to 0 mA in 0.5 µs
-5%
VAS7DC
5%
V
VAS
Maximum ripple voltage on the transceiver
during current modulation (dI/dt = ±60mA/ µs)
––
|2|
%
VVGS_RPD
VGS passive pull-down clamping structure
(device off)
Test condition: Isink = 100 µA
––
1.5
V
IVGS_IPD
VGS active pull-down current (regulator
disabled, VAS_EN=0, device on)
–1
1.2
mA
–
VGS to VAS passive clamp (VAS shorted to
ground, regulator switched on)
812
16
V
C2
Decoupling capacitor (Test info)
1.7
4.7
6.3
µF
ESRC2
ESR of decoupling capacitor (Test info)
0
–
0.2
Ω
VASSUPuv
VASSUP under voltage threshold for enabling
of internal charge pump
11.8
–
13
V
VASton
VAS startup timing after VAS_EN=’1’ (on by
default at POR release)
––
1
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com