Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9663 Datasheet(PDF) 82 Page - STMicroelectronics

Part # L9663
Description  Automotive PSI5 Transceiver IC
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9663 Datasheet(HTML) 82 Page - STMicroelectronics

Back Button L9663 Datasheet HTML 78Page - STMicroelectronics L9663 Datasheet HTML 79Page - STMicroelectronics L9663 Datasheet HTML 80Page - STMicroelectronics L9663 Datasheet HTML 81Page - STMicroelectronics L9663 Datasheet HTML 82Page - STMicroelectronics L9663 Datasheet HTML 83Page - STMicroelectronics L9663 Datasheet HTML 84Page - STMicroelectronics L9663 Datasheet HTML 85Page - STMicroelectronics L9663 Datasheet HTML 86Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 106 page
background image
Communication interface
L9663
82/106
DS11401 Rev 6
5.2
SPI interface
5.2.1
Physical layer and signal description
Figure 26. SPI interface
Chip Select (CS)
The communication interface is deselected when this input signal is logically high. A falling
edge on CS enables and starts the communication, while a rising edge finishes the
communication and the command is executed if a valid frame has been sent. During
communication start and stop, the Serial Clock (SCLK) has to be logically low. The MISO
line is in high impedance when CS is high.
In order to considerably reduce the number of CS lines and pins on the system, while still
allowing connecting different devices, an address multiplexing approach is implemented in
the device with cabled address "00".
This means that if CS is low the device is not selected unless the MOSI bits 31 and 30 of the
frame matches the device address.
This feature can be disabled by SW, writing a dedicated SPI bit.
The default state after reset (sw, hw or by internal clock fault) is in the address multiplexing
mode.
Serial Clock (SCLK)
This SCLK provides the clock of the SPI. Data present on the MOSI line is latched on the
falling edge of Serial Clock (SCLK) into the internal shift registers, while data from the
internal shift registers are shifted out on the MISO line on the rising edge.
MOSI
This input is used to transfer data serially into the device. Data is latched on the falling edge
of Serial Clock (SCLK).
μC
SPI Master
L 9663
SPI Slave
CS
SCK
MOSI
MISO
GAPG2710151524PS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com