Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9663 Datasheet(PDF) 42 Page - STMicroelectronics

Part # L9663
Description  Automotive PSI5 Transceiver IC
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9663 Datasheet(HTML) 42 Page - STMicroelectronics

Back Button L9663 Datasheet HTML 38Page - STMicroelectronics L9663 Datasheet HTML 39Page - STMicroelectronics L9663 Datasheet HTML 40Page - STMicroelectronics L9663 Datasheet HTML 41Page - STMicroelectronics L9663 Datasheet HTML 42Page - STMicroelectronics L9663 Datasheet HTML 43Page - STMicroelectronics L9663 Datasheet HTML 44Page - STMicroelectronics L9663 Datasheet HTML 45Page - STMicroelectronics L9663 Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 106 page
background image
Diagnosis
L9663
42/106
DS11401 Rev 6
4
Diagnosis
The PSIx output voltage is monitored to detect and protect against failures:
Under voltage on PSI5x outputs
Short to ground (STG)
Leakage to ground (LTG)
Open load (OL)
Short to battery (STB)
Short between channels (through cross coupling test) and to protect the transceiver IC
in case of negative voltages or excessive voltage on the PSIx outputs.
This module consists of the following sub modules:
PSIx output voltage clamping circuit
PSIx short circuit detection and current limitation
PSIx reverse voltage monitoring
PSIx under voltage monitoring
VAS under voltage monitoring
Sync pulse voltage monitoring
4.1
PSIx output voltage clamping circuit
The clamping circuit allows control of the maximum voltage level on the PSIx output, despite
a possible over voltage fault on the VAS line.
The Transceivers clamp the PSIx voltage to less than 11 V in data transmission or less than
16.5 V in sync pulse with a 50 mA typical sink current.
4.2
PSIx output under voltage monitoring
The under voltage monitoring detects a low voltage level of the sensor supply line PSIx.
Basic features:
Under voltage monitoring with filter time
Figure 22. Timing for PSIx under voltage detection
PSIx
PSIx undervoltage
threshold
undervoltage shorter
than filtertime
undervoltage longer
than filtertime
U
t
PSIx undervoltage
flag
GAPG2010151143PS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com