Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPM098C Datasheet(PDF) 50 Page - STMicroelectronics

Part # STPM098C
Description  Automotive dual digital 8-phase controller with PMBus™
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPM098C Datasheet(HTML) 50 Page - STMicroelectronics

Back Button STPM098C Datasheet HTML 46Page - STMicroelectronics STPM098C Datasheet HTML 47Page - STMicroelectronics STPM098C Datasheet HTML 48Page - STMicroelectronics STPM098C Datasheet HTML 49Page - STMicroelectronics STPM098C Datasheet HTML 50Page - STMicroelectronics STPM098C Datasheet HTML 51Page - STMicroelectronics STPM098C Datasheet HTML 52Page - STMicroelectronics STPM098C Datasheet HTML 53Page - STMicroelectronics STPM098C Datasheet HTML 54Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 110 page
background image
Symbol
Parameter
Test condition
Min Typ Max Unit
Notes
IIN_adc_lsb
IIN ADC LSB
CLK_SSM_EN = 0
-
53.2
-
μV
Application
information
ADC input accuracy
IIN_adc_gain_err
IIN ADC gain error
-3
-
3
%
-
IIN_adc_offset_err IIN ADC input referred offset error
-1
-
1
mV -
IIN_adc_tot_err
IIN ADC total error
-
-
-
mV See note
ADC input dynamic characteristics
IIN_adc_in_sr
IIN ADC sample rate
-
10
-
MHz
Application
information
IIN_adc_latency
IIN ADC conversion latency
CLK_SSM_EN = 0
-
65
100
μs
Application
information
Note:
IIN_ADC conversion total error can be calculated as follows:
IIN_adc_tot_err = IIN_adc_gain_err * (POWERIN_P - POWERIN_N) + IIN_adc_offset_err
Example:
•
| POWERIN_P-POWERIN_N | = 10 mV
•
Total ADC conversion error = ±1 mV ±(3% * 10 mV) = ±1 mV ±0.3 mV
•
The value read by PMBus™ has a range between 10 mV - (1 mV + 0.3 mV) and 10 mV + (1 mV + 0.3
mV)
3.11.2.1
Input current monitor (IIN monitor)
Input current level is monitored by means of dedicated OC diagnosis based on IIN conversion. A hysteresis on
thresholds and filtering time is implemented.
If POWERIN_P- POWERIN_N ≥ IIN_off_th occurs for an interval longer than T_iin_mon_detect_dly, the fault is
asserted and the IIN_OC flag is set. Fault pins are asserted LOW according to FHC configuration and FOR table.
If POWERIN_P- POWERIN_N ≤ IIN_on_th occurs for an interval longer than T_iin_mon_detect_dly, the IIN_ OC
fault is released. IIN_OC clearing depends on FHC configuration.
The reference thresholds for the IIN monitor unit IIN_off_th and IIN_on_th can be separately configured through a
dedicated PMBus™ register as follows:
IINOFFTH=IINMONtℎlsb×IINOFFTH9:0
(6)
IINONTH=IINMONtℎlsb×IINONTH9:0
(7)
Where:
IIN_MON_th_lsb is the minimum voltage step [53.2 µV].
IIN_OFF_TH/IIN_ON_TH [9:0] are the dedicated PMBus configuration bits [53.2 µV ~ 54.4 mV].
The default value is IIN_OFF_TH =0x11A (15 mV) and IIN_ON_TH = 0x0E1 (12 mV).
In case IIN_OFF_TH = 0x000 the input current monitor function is disabled, and no OC detection is performed.
The absolute value of the maximum input voltage slew rate detectable by IIN monitor is given by IIN_adc_lsb/
IIN_adc_latency.
STPM098C
Functional description
DS14440 - Rev 1
page 50/110



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com