Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPM098C Datasheet(PDF) 100 Page - STMicroelectronics

Part # STPM098C
Description  Automotive dual digital 8-phase controller with PMBus™
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPM098C Datasheet(HTML) 100 Page - STMicroelectronics

Back Button STPM098C Datasheet HTML 96Page - STMicroelectronics STPM098C Datasheet HTML 97Page - STMicroelectronics STPM098C Datasheet HTML 98Page - STMicroelectronics STPM098C Datasheet HTML 99Page - STMicroelectronics STPM098C Datasheet HTML 100Page - STMicroelectronics STPM098C Datasheet HTML 101Page - STMicroelectronics STPM098C Datasheet HTML 102Page - STMicroelectronics STPM098C Datasheet HTML 103Page - STMicroelectronics STPM098C Datasheet HTML 104Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 110 page
background image
Name
Min
Typ
Max
Unit
Minimum requirements
Notes
LPHASEn
-
160
-
nH
IRMS_MIN = 30 A
Shielded high current power inductor
RADDRH
-
4.7
-
kΩ
0.01 W
-
RADDRL
-
4.7
-
kΩ
0.01 W
-
RAUXH
-
4.7
-
kΩ
0.01 W
-
RAUXL
-
4.7
-
kΩ
0.01 W
-
RPU_FAULT
-
4.7
-
kΩ
0.01 W
-
RPU_PMBUS
-
4.7
-
kΩ
0.01 W
-
RSENSE
-
1
-
mΩ
1%, 2 W
-
5.1.1
Output capacitors configuration example
As a reference example, next table shows output capacitors bill of material for a customer’s application with the
following characteristics:
Loop 1
•
N. of phases: 6 (with dynamic phase shedding enabled)
•
Output inductors: 160 nH
•
Vout: 0.75 V
•
ILOAD_MAX: 180 A
•
PWM frequency: 500 kHz
Loop 2
•
N. of phases: 2 (with dynamic phase shedding enabled)
•
Output inductors: 160 nH
•
Vout: 0.75 V
•
ILOAD_MAX: 45 A
•
PWM frequency: 500 kHz
For each control loop, capacitors are grouped in 2 banks to be placed, namely, close to output inductors and
close to load.
Table 80. Output capacitors example BOM
N.
Value [μF]
Requirements
Package
Total C [mF]
Loop 1
CVOUT1_1
15
22
6.3 V, 10%
1206
4.745
15
1
10 V, 10%
0402
20
220
4 V, 20%
1210
CVOUT1_2
40
220
4 V, 20%
1210
8.839
1
10
4 V, 20%
0603
29
1
10 V, 10%
0402
Loop 2
CVOUT2_1
8
220
4 V, 20%
1206
1.76
CVOUT2_2
4
10
4 V, 20%
0603
0.503
2
220
4 V, 20%
1210
23
1
10 V, 10%
0402
STPM098C
Applicationcircuit
DS14440 - Rev 1
page 100/110



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com