Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPM098C Datasheet(PDF) 67 Page - STMicroelectronics

Part # STPM098C
Description  Automotive dual digital 8-phase controller with PMBus™
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPM098C Datasheet(HTML) 67 Page - STMicroelectronics

Back Button STPM098C Datasheet HTML 63Page - STMicroelectronics STPM098C Datasheet HTML 64Page - STMicroelectronics STPM098C Datasheet HTML 65Page - STMicroelectronics STPM098C Datasheet HTML 66Page - STMicroelectronics STPM098C Datasheet HTML 67Page - STMicroelectronics STPM098C Datasheet HTML 68Page - STMicroelectronics STPM098C Datasheet HTML 69Page - STMicroelectronics STPM098C Datasheet HTML 70Page - STMicroelectronics STPM098C Datasheet HTML 71Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 110 page
background image
Table 53. IOUT overbalancing monitor electrical characteristics
Symbol
Parameter
Test condition
Min Typ
Max Unit
Notes
IOUT_MON_UMB_th_lsb
IOUT UMB monitoring
threshold step
-
0.94
-
A
Application
information
IOUT_MON_UMB_th_range
IOUT UMB monitoring
threshold range
0.94
-
29.14
A
Application
information
T_iout_umb_detect_dly
IOUT UMB monitoring
detection delay
CLK_SSM_EN = 0
-
65
100
μs
Application
information
Current sum overcurrent diagnosis
A dedicated OC monitoring on the phase current sum of each loop is performed. This diagnosis is based upon the
sum of converted current information of all phases referred to the specific loop.
If
Σj=1mISENj−CFILTVREF1 ≥IOUTn_oc_sum_thoccursIOUTm_sum_retrytimes,theIOUTn_OC_SUMflagisset.[n
= 1, 2].
The reference thresholds for the IOUTn overcurrent monitor unit IOUTn_oc_sum_th can be separately configured
for loop 1 and 2 through a dedicated PMBus™ register as follows:
IOUTnOCSUMTH=IOUTMONOCSUMtℎlsb×IOUTnOCSUMTH7:0
(25)
Where:
IOUT_MON_OC_SUM_th_lsb is the minimum voltage step [0.94 A].
IOUTn _OC_FAULT_LIMIT[7:0] are the dedicated PMBus™ configuration bits. [0 ~ 239.7A].
Default value is IOUTn_OC_SUM_TH = 0xBF (180 A) for loop 1 and 0x35 (50 A) for loop 2.
In case IOUTn_OC_SUM_TH = 0x00 the related overcurrent monitor function is disabled and no detection is
performed.
The reference retry times for the IOUTn_SUM overcurrent monitor unit IOUTn_oc_sum_retry can be separately
configured for loop 1 and 2 through a dedicated PMBus™ register as follows:
IOUTmOCSUMRETRY=IOUTMONOCSUMretrylsb×IOUTmOCSUMRETRY7:0
(26)
Where:
IOUT_MON_OC_SUM_retry_lsb is the minimum step.
IOUTm_OC_SUM_RETRY [7:0] are the dedicated PMBus™ configuration bits.
The default value is IOUTm_OC_SUM_RETRY = 0x05.
The absolute value of the maximum input voltage slew rate detectable by IOUT monitor is given by
IOUT_adc_lsb/IOUT_adc_latency.
STPM098C
Functional description
DS14440 - Rev 1
page 67/110



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com