Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPM098C Datasheet(PDF) 56 Page - STMicroelectronics

Part # STPM098C
Description  Automotive dual digital 8-phase controller with PMBus™
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPM098C Datasheet(HTML) 56 Page - STMicroelectronics

Back Button STPM098C Datasheet HTML 52Page - STMicroelectronics STPM098C Datasheet HTML 53Page - STMicroelectronics STPM098C Datasheet HTML 54Page - STMicroelectronics STPM098C Datasheet HTML 55Page - STMicroelectronics STPM098C Datasheet HTML 56Page - STMicroelectronics STPM098C Datasheet HTML 57Page - STMicroelectronics STPM098C Datasheet HTML 58Page - STMicroelectronics STPM098C Datasheet HTML 59Page - STMicroelectronics STPM098C Datasheet HTML 60Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 110 page
background image
Symbol
Parameter
Test condition
Min Typ Max Unit
Notes
TSEN_ov_th
TSEN overvoltage threshold
2.85
3
3.15
V
Comparator output Low to
high
TSEN _ov_hys TSEN overvoltage hysteresis
-
0
-
mV -
T_tsen_uv_flt
TSEN undervoltage detection filter
time
CLK_SSM_EN = 0
75
-
100
μs
Digital filter
T_ tsen _ov_flt
TSEN overvoltage detection filter
time
CLK_SSM_EN = 0
75
-
100
μs
Digital filter
3.12.2
Output voltage telemetry
The regulated output voltage of each loop is directly measured across input pins VSENn and VRTNn by means of
a dedicated 12-bit ADC converter. The digitized voltage information is made available on PMBus™ paged register
READ_VOUTn<15:0> [n=1, 2].
Table 47. Output voltage ADC electrical characteristics
Symbol
Parameter
Test condition
Min
Typ
Max Unit
Notes
ADC input
VOUT_adc_range
VOUT ADC voltage input
range
0
-
3.5
V
-
ADC input Resolution
VOUT_adc_resolution VOUT ADC resolution
-
12
-
bits Application information
VOUT_adc_lsb
VOUT ADC LSB
-
0.952
-
mV Application information
ADC input accuracy
VOUT_adc_total_err1 VOUT ADC total error1
0.5 V ≤ VID < 1.5 V -10
-
10
mV -
VOUT_adc_total_err2 VOUT ADC total error2
1.5 V ≤ VID < 3.5 V
-1
-
1
%
-
ADC input dynamic characteristics
VOUT_adc_in_sr
VOUT ADC sample rate
CLK_SSM_EN = 0
-
10
-
MHz Application information
VOUT_adc_latency
VOUT ADC conversion
latency
CLK_SSM_EN = 0
-
65
100
μs
Application information
3.12.2.1
Output voltage monitor (VOUT monitor)
The regulated output voltage level of each loop is monitored by means of dedicated UV and an OV diagnosis
based on VOUTn conversion [n = 1, 2].
If VSENn-VRTNn ≤ VOUTn_uv_th occurs for an interval longer than T_vout_mon_detect_dly, fault is asserted and
the VOUTn_UV flag is set. Fault pins are asserted LOW according to FHC configuration and FOR table [n = 1, 2].
If VSENn-VRTNn ≥ VOUTn_ov_th occurs for an interval longer than T_vout_mon_detect_dly fault is asserted and
the VOUTn_OV flag is set. Fault pins are asserted LOW according to the FHC configuration and FOR table.
VOUT_OV clearing depends on FHC configuration [n = 1, 2].
The reference thresholds for the VOUTn monitor unit VOUTn_uv_th and VOUT_ov_th can be separately
configured through a dedicated PMBus™ register as follows:
VOUTnUVTH=VOUTMONtℎlsb×VOUTnUVFAULTLIMIT8:0
(12)
VOUTnOVTH=VOUTMONtℎlsb×VOUTnOVFAULTLIMIT8:0
(13)
Where:
VOUT_MON_th_lsb is the minimum voltage step [7.616 mV].
VOUTn_UV_FAULT_LIMIT/VOUTn_FAULT_LIMIT[8:0] are the dedicated PMBus™ configuration bits [0 V ~ 3.5
V].
The default value is VOUTn_UV_FAULT_LIMIT = 0x058 (670 mV).
The default value is VOUTn_OV_FAULT_LIMIT = 0x06D (830 mV).
STPM098C
Functional description
DS14440 - Rev 1
page 56/110



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com