Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPM098C Datasheet(PDF) 66 Page - STMicroelectronics

Part # STPM098C
Description  Automotive dual digital 8-phase controller with PMBus™
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPM098C Datasheet(HTML) 66 Page - STMicroelectronics

Back Button STPM098C Datasheet HTML 62Page - STMicroelectronics STPM098C Datasheet HTML 63Page - STMicroelectronics STPM098C Datasheet HTML 64Page - STMicroelectronics STPM098C Datasheet HTML 65Page - STMicroelectronics STPM098C Datasheet HTML 66Page - STMicroelectronics STPM098C Datasheet HTML 67Page - STMicroelectronics STPM098C Datasheet HTML 68Page - STMicroelectronics STPM098C Datasheet HTML 69Page - STMicroelectronics STPM098C Datasheet HTML 70Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 110 page
background image
If the current read on a phase differs from the average of all phases current readings by more than a threshold
value, then a dedicated error flag is raised.
(24)
If
ISENi−CFILTVREF1 −1m Σj=1mISENj−CFILTVREF1 ≥IOUTn_sharing_wr_th,theIOUTn_SHARING_WRflag
is set.
Where m is the number of active phases for the specific loop.
The reference thresholds for the IOUTn overbalance monitor unit IOUTn_sharing_wr_th can be separately
configured for loop 1 and 2 through a dedicated PMBus™ register as follows:
IOUTnSHARINGWRTH=IOUTMONUMBtℎlsb×IOUTnSHARINGWRTH5:0
Where:
IOUT_MON_UMB_th_lsb is the minimum voltage step [0.94 A].
IOUTn_SHARING_WR_TH [5:0] are the dedicated PMBus™ configuration bits.
The default value is IOUTn_SHARING_WR_TH = 0x03.
In case IOUTm_SHARING_WR_TH = 0x00, the related overcurrent monitor function is disabled and no detection
is performed.
The absolute value of the maximum input voltage slew rate detectable by IOUT monitor is given by
IOUT_adc_lsb/IOUT_adc_latency.
Figure 55. Phase current overbalance timing diagram
t
ISENn-CFILT/VREF1
IOUTn_SHARING_WR
(Internal signal)
UNBALANCE
0
IOUTn_SHARING_WR_TH
|
(ISENj−CFILT/VREF1)−1M
σ
(ISENj−CFILT/VREF1)
Mj=1
|
0
1M (ISENj−CFILT/VREF1)
M
j=1
OPERATIVE
OPERATIVE
-IOUTn_SHARING_WR_TH
IOUTn_SHARING_WR_TH
UNBALANCE
UNBALANCE
T_iout_umb_detect_dly
T_iout_umb_detect_dly
T_iout_umb_detect_dly
T_iout_umb_detect_dly
STPM098C
Functional description
DS14440 - Rev 1
page 66/110



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com