Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPM098C Datasheet(PDF) 54 Page - STMicroelectronics

Part # STPM098C
Description  Automotive dual digital 8-phase controller with PMBus™
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPM098C Datasheet(HTML) 54 Page - STMicroelectronics

Back Button STPM098C Datasheet HTML 50Page - STMicroelectronics STPM098C Datasheet HTML 51Page - STMicroelectronics STPM098C Datasheet HTML 52Page - STMicroelectronics STPM098C Datasheet HTML 53Page - STMicroelectronics STPM098C Datasheet HTML 54Page - STMicroelectronics STPM098C Datasheet HTML 55Page - STMicroelectronics STPM098C Datasheet HTML 56Page - STMicroelectronics STPM098C Datasheet HTML 57Page - STMicroelectronics STPM098C Datasheet HTML 58Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 110 page
background image
•
If TSENn ≥ TOUTn_wr_th occurs for an interval longer than T_tout_mon_detect_dly, the TOUTn_OT_WR
flag is set. The error flag remains set until the failure condition is removed [n = 1, 2].
•
If TSENn ≥ TOUTn_sd_th occurs for an interval longer than T_tout_mon_detect_dly, the TOUTn_OT_SD
flag is set. Fault pins and safe state activation depends on FHC configuration. TOUTn_OT_SD clearing
depend on FHC configuration [n = 1, 2].
The reference thresholds for the TOUTn monitor unit TOUTn_wr_th and TOUTn_sd_th can be separately
configured through a dedicated PMBus™ register as follows:
TOUTnOTWRTH=TOUTMONtℎlsb×TOUTnOTWRTH8:0
(10)
TOUTnOTSDTH=TOUTMONtℎlsb×TOUTnOTSDTH8:0
(11)
Where:
TOUT_MON_th_lsb is the minimum voltage step.
TOUTn_OT_WR_TH/TOUTn_OT_SD_TH [8:0] are the dedicated PMBus™ configuration bits.
The default values are TOUTn_OT_WR_TH = 0x12C (125 deg.) and TOUTn_OT_SD_TH = 0x152 (150 deg.).
In case TOUTn_OT_WR_TH = 0x00 or TOUTn_OT_SD_TH = 0x000 the related temperature monitor functions
are disabled and no detection is performed.
The absolute value of the maximum input voltage slew rate detectable by TOUT monitor is given by
TOUT_adc_lsb/TOUT_adc_latency.
Figure 43. Output stage temperature monitor timing diagram
t
TSENn
TOUTn _OT_SD
(Internal signal)
TOUTn_OT_WR
(Internal signal)
SHUTDOWN
TOUTn_OT_SD_TH
OPERATIVE
OPERATIVE
WARNING
TOUTn_OT_SD_HYS
TOUTn_OT_WR_HYS
WARNING
TOUTn_OT_WR_TH
T_tout_mon_detect_dly
TOUT_adc_rise_fall_sr
TOUT_adc_rise_fall_sr
T_tout_mon_detect_dly
T_tout_mon_detect_dly
T_tout_mon_detect_dly
Table 45. TOUT monitor electrical characteristics
Symbol
Parameter
Test condition
Min
Typ
Max Unit
Notes
TOUT_MON_th_lsb
TOUT monitoring threshold
step
-
5.33
-
mV
Application
information
TOUT_MON_th_hyst
TOUT monitoring hysteresis
-
42.64
-
mV
Application
information
TOUT_MON_th_range
TOUT monitoring threshold
range
0.1
-
2.7
V
Application
information
T_tout_mon_detect_dly
TOUT monitoring detection
delay
CLK_SSM_EN = 0
-
65
100
μs
Application
information
STPM098C
Functional description
DS14440 - Rev 1
page 54/110



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com