Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPM098C Datasheet(PDF) 86 Page - STMicroelectronics

Part # STPM098C
Description  Automotive dual digital 8-phase controller with PMBus™
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPM098C Datasheet(HTML) 86 Page - STMicroelectronics

Back Button STPM098C Datasheet HTML 82Page - STMicroelectronics STPM098C Datasheet HTML 83Page - STMicroelectronics STPM098C Datasheet HTML 84Page - STMicroelectronics STPM098C Datasheet HTML 85Page - STMicroelectronics STPM098C Datasheet HTML 86Page - STMicroelectronics STPM098C Datasheet HTML 87Page - STMicroelectronics STPM098C Datasheet HTML 88Page - STMicroelectronics STPM098C Datasheet HTML 89Page - STMicroelectronics STPM098C Datasheet HTML 90Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 110 page
background image
PHASE5ADDTH=ΔLSB×MFRPHASE5ADDCFG7:0
(57)
PHASE5DROPTH=ΔLSB×MFRPHASE5DROPCFG7:0
(58)
PHASE6ADDTH=ΔLSB×MFRPHASE6ADDCFG7:0
(59)
PHASE6DROPTH=ΔLSB×MFRPHASE6DROPCFG7:0
(60)
PHASE7ADDTH=ΔLSB×MFRPHASE7ADDCFG7:0
(61)
PHASE7DROPTH=ΔLSB×MFRPHASE7DROPCFG7:0
(62)
PHASE8ADDTH=ΔLSB×MFRPHASE8ADDCFG7:0
(63)
PHASE8DROPTH=ΔLSB×MFRPHASE8DROPCFG7:0
(64)
Where:
ΔLSB is the minimum slew rate step [0.94 A].
MFR_PHASEn_ADD_CFG [7:0], MFR_PHASEn_DROP_CFG [7:0] are the dedicated PMBus™ configuration bits
[0 A ~ 239.7A].
Default values are:
PHASE2_ADD_TH = 14 A
PHASE2_DROP_TH = 10 A
PHASE3_ADD_TH = 25 A
PHASE3_DROP_TH = 21 A
PHASE4_ADD_TH = 33 A
PHASE4_DROP_TH = 29 A
PHASE5_ADD_TH = 46 A
PHASE5_DROP_TH = 42 A
PHASE6_ADD_TH = 60 A
PHASE6_DROP_TH = 56 A
PHASE7_ADD_TH = 72 A
PHASE7_DROP_TH = 68 A
PHASE8_ADD_TH = 85 A
PHASE8_DROP_TH = 81 A
In case PHASEn_ADD_TH = 0x00 the dynamic phase shedding function is disabled, and no phase adds drop
whit respect to phase assignment configuration is performed.
DPS DROP_DELAY value can be programmed through a dedicated PMBus™ register as follows:
Table 67. DPS drop delay configuration bit
PH_SHED_DELAY1
PH_SHED_DELAY1
Description
0
0
DROP DELAY = 8 PWM periods (default)
0
1
DROP DELAY = 16 PWM periods
1
0
DROP DELAY = 24 PWM periods
1
1
DROP DELAY = 32 PWM periods
STPM098C
Functional description
DS14440 - Rev 1
page 86/110



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com