Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPM098C Datasheet(PDF) 51 Page - STMicroelectronics

Part # STPM098C
Description  Automotive dual digital 8-phase controller with PMBus™
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPM098C Datasheet(HTML) 51 Page - STMicroelectronics

Back Button STPM098C Datasheet HTML 47Page - STMicroelectronics STPM098C Datasheet HTML 48Page - STMicroelectronics STPM098C Datasheet HTML 49Page - STMicroelectronics STPM098C Datasheet HTML 50Page - STMicroelectronics STPM098C Datasheet HTML 51Page - STMicroelectronics STPM098C Datasheet HTML 52Page - STMicroelectronics STPM098C Datasheet HTML 53Page - STMicroelectronics STPM098C Datasheet HTML 54Page - STMicroelectronics STPM098C Datasheet HTML 55Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 110 page
background image
Figure 40. Input current monitor timing diagram
POWERIN_P -POWERIN_N
IIN_OC
IIN_OFF_TH
T_iin_mon_detect_dly
OC
OPERATIVE
IIN_UV_HYS
IIN_ON_TH
IIN_adc_rise_fall_diff_sr
IIN_adc_rise_fall_diff_sr
OPERATIVE
T_iin_mon_detect_dly
Table 41. IIN monitor electrical characteristics
Symbol
Parameter
Test condition
Min
Typ Max Unit
Notes
IIN_MON_th_lsb
IIN monitoring threshold step
-
53.2
-
μV
Application
information
IIN_MON_th_range
IIN monitoring threshold range
0.0532
-
54.4 mV
Application
information
T_iin_mon_detect_dly IIN monitoring detection delay CLK_SSM_EN = 0
-
65
100
μs
Application
information
3.11.3
Input power calculation
Based on input voltage and input current measurements the input power is computed by multiplying the converted
values. The power information is made available on PMBus™ register READ_PIN<15:0>.
Table 42. Input power calculation characteristics
Symbol
Parameter
Test condition
Min
Typ
Max Unit
Notes
Power multiplier output
PIN _range
PIN computation range
0
-
500
W
Application information
Power multiplier Resolution
PIN _resolution
PIN computation resolution
-
16
-
bits Application information
PIN_lsb
PIN LSB
-
18.98
-
mW Application information
Power multiplier dynamic characteristics
PIN_latency
PIN computation latency
CLK_SSM_EN = 0
-
65
100
μs
Application information
STPM098C
Functional description
DS14440 - Rev 1
page 51/110



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com