Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPM098C Datasheet(PDF) 99 Page - STMicroelectronics

Part # STPM098C
Description  Automotive dual digital 8-phase controller with PMBus™
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPM098C Datasheet(HTML) 99 Page - STMicroelectronics

Back Button STPM098C Datasheet HTML 95Page - STMicroelectronics STPM098C Datasheet HTML 96Page - STMicroelectronics STPM098C Datasheet HTML 97Page - STMicroelectronics STPM098C Datasheet HTML 98Page - STMicroelectronics STPM098C Datasheet HTML 99Page - STMicroelectronics STPM098C Datasheet HTML 100Page - STMicroelectronics STPM098C Datasheet HTML 101Page - STMicroelectronics STPM098C Datasheet HTML 102Page - STMicroelectronics STPM098C Datasheet HTML 103Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 110 page
background image
5
Application circuit
The following schematic is a reference application circuit for the STPM098C multiphase regulator; it shows the
minimum required components for the device to operate. Power section details (DrMOS and its related
components, output inductor and capacitors), are strongly dependent on the customer’s system choice, as well as
the number of phases assigned to each loop, so the proposed part numbers and values suggested are intended
to be only indicative.
Figure 82. Reference application circuit
POWERIN_P
POWERIN_N
PWMn
CFILT/VREF1
ISENn
TSENm
VSENm
VRTNm
CVREF1
VCC
SM_ADDR
AUX_SENSE
CFILT/VREF2
SM_CLK
SM_DATA
SM_ALERT
VRRDYm
FAULT
VR_HOT
POWERIN_ALERT
VR_ENm
IOUT
TOUT
REFIN
PWM
VCC
VOUTm
SW
LPHASEn
CVOUTm
CVCC
RADDRH
RADDRL
RAUXH
RAUXL
CVREF2
RPU_PMBUS
RPU_FAULT
to/from
MCU
n = phase number
m = loop number
RSENSE
VBATP
5VDRMOS
5V
STPM098C
DrMOSn
VIN
VBATP is the battery line protected against battery reverse events, as well as any other possible damaging
disturbances that might occur, according to specific standards requirements. Methods for battery line protection
are in charge of the system design. From the STPM098C point of view, VBATP line must not exceed
POWERIN_P and POWERIN_N absolute maximum ratings.
5 V goes to VCC, which is the main supply line for STPM098C; in the proposed schematic it is separated from
DrMOS main supply line but they could be possibly shared, according to system design needs. STPM098C’s
AUX_SENSE input can be used to monitor DrMOS dedicated supply line for diagnostic and safety purposes.
STPM098C fault lines, VR_EN and PMBus™ lines are to be connected to an automotive grade MCU. For safety
architecture implementation, the same MCU could be used to also acquire other feedback signals coming from
DrMOS, as instance, for temperature check or output voltage monitoring.
5.1
Bill of material
Table 79. Reference bill of material
Name
Min
Typ
Max
Unit
Minimum requirements
Notes
CVCC
-
10
-
μF
6.3 V
To be placed close to the VCC pin
CVREF1
-
4.7
-
μF
6.3 V
To be placed close to the VREF1 pin
CVFRE2
-
4.7
-
μF
6.3 V
To be placed close to the VFRE2 pin
CVOUTm
-
-
-
-
-
According to the customer's configuration
DrMOSn
-
-
-
-
-
STSHB50
STPM098C
Applicationcircuit
DS14440 - Rev 1
page 99/110



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com