Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPM098C Datasheet(PDF) 68 Page - STMicroelectronics

Part # STPM098C
Description  Automotive dual digital 8-phase controller with PMBus™
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPM098C Datasheet(HTML) 68 Page - STMicroelectronics

Back Button STPM098C Datasheet HTML 64Page - STMicroelectronics STPM098C Datasheet HTML 65Page - STMicroelectronics STPM098C Datasheet HTML 66Page - STMicroelectronics STPM098C Datasheet HTML 67Page - STMicroelectronics STPM098C Datasheet HTML 68Page - STMicroelectronics STPM098C Datasheet HTML 69Page - STMicroelectronics STPM098C Datasheet HTML 70Page - STMicroelectronics STPM098C Datasheet HTML 71Page - STMicroelectronics STPM098C Datasheet HTML 72Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 110 page
background image
Figure 56. Current sum overcurrent timing diagram
t
PWMm
IOUTm_OC_SUM Calculation
IOUTm_OC_SUM Comparator
IOUTn_OC_SUM_TH
Average ISUMn
0x00
0x00
0
PWM1
TI_isum_calculation
Data Available
≤100us
OC
OC
OC
IOUTm_OC_SUM Retry Counter
0x01
0x02
0x03
HIZ
HIZ
OC
OC
0x04
Table 54. IOUT sum overcurrent monitor electrical characteristics
Symbol
Parameter
Test condition
Min
Typ
Max Unit
Notes
IOUT_MON_OC_SUM_th_retry_lsb
IOUT OC SUM
monitoring threshold
step(1)
-
0.293
-
A
Application
information
IOUT_MON_OC_SUM_th_range
IOUT OC SUM
monitoring threshold
range
0
-
239.7
A
Application
information
T_iout_umb_detect_dly
IOUT OC SUM
monitoring detection
delay
CLK_SSM_EN =
0
-
65
100
μs
Application
information
1. IOUTn_oc_sum_th<7:0> LSB: is 0.9376 A considering DrMOS current gain 5 mV/A, it corresponds to 16 READ_IOUTm
LSB (0.293 mV * 16 = 4.688 mV, using 5 mV/A DrMOS current gain becomes 0.9376 A).
3.13
Feedback disconnection monitor (FDM)
STPM098C implements a dedicated diagnosis at both voltage sensing terminals (VSENn, VRTNn) of each control
loop to detect feedback disconnection events before regulation startup. The FDM diagnosis unit is composed by a
force stage and a monitor stage. The force stage has the purpose of weakly pulling up the voltage of VSENn and
VRTNn terminals up to VCC.
If VSENn ≥ VFB_DISC_TH occurs for an interval longer than T_vfb_disc_flt after a T_vfb_dics_blank, FB_DISC
flag is set and SAFE_HIZ is established. The error flag remains set until the failure condition is removed and a
rising edge on VRn_EN [n = 1, 2] is detected.
If VRTNn ≥ VFB_DISC_TH occurs for an interval longer than T_vfb_disc_flt after a T_vfb_dics_blank,
FB_DISC_RTN flag is set and SAFE_HIZ is established. The error flag remains set until the failure condition is
removed and a rising edge on VRn_EN [n = 1, 2] is detected.
The FDM is safety relevant and then a self-check procedure is implemented.
STPM098C
Functional description
DS14440 - Rev 1
page 68/110



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com