Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPM098C Datasheet(PDF) 57 Page - STMicroelectronics

Part # STPM098C
Description  Automotive dual digital 8-phase controller with PMBus™
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPM098C Datasheet(HTML) 57 Page - STMicroelectronics

Back Button STPM098C Datasheet HTML 53Page - STMicroelectronics STPM098C Datasheet HTML 54Page - STMicroelectronics STPM098C Datasheet HTML 55Page - STMicroelectronics STPM098C Datasheet HTML 56Page - STMicroelectronics STPM098C Datasheet HTML 57Page - STMicroelectronics STPM098C Datasheet HTML 58Page - STMicroelectronics STPM098C Datasheet HTML 59Page - STMicroelectronics STPM098C Datasheet HTML 60Page - STMicroelectronics STPM098C Datasheet HTML 61Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 110 page
background image
In case VOUTn_UV_FAULT_LIMIT = 0x000 the related voltage monitor function is disabled and no detection is
performed.
In case VOUTn_OV_FAULT_LIMIT = 0x000 the related voltage monitor function is disabled and no detection is
performed.
The absolute value of the maximum input voltage slew rate detectable by VOUT monitor is given by
VOUT_adc_lsb/VOUT_adc_latency.
Figure 46. Output voltage monitor timing diagram
t
VSENn-VRTNn
VOUTn _OV
(Internal signal)
VOUTn_UV
(Internal signal)
OV
VOUTn_OV_TH
T_vout_mon_detect_dly
UV
UV
OPERATIVE
VOUTn_OV_HYS
VOUTn_UV_HYS
OPERATIVE
VOUTn_UV_TH
VOUT_adc_rise_fall_diff_sr
VOUT_adc_rise_fall_diff_sr
T_vout_mon_detect_dly
T_vout_mon_detect_dly
T_vout_mon_detect_dly
Table 48. VOUT monitor electrical characteristics
Symbol
Parameter
Test condition
Min
Typ
Max Unit
Notes
VOUT_MON_th_lsb
VOUT monitoring threshold
step
-
7.616
-
mV
Application
information
VOUT_MON_th_range
VOUT monitoring threshold
range
0
-
3.5
V
Application
information
T_vout_mon_detect_dly
VOUT monitoring detection
delay
CLK_SSM_EN = 0
-
65
100
μs
Application
information
3.12.3
Output current telemetry
Current of each phase is directly measured across input pins ISENn and CFILT/VREF1 by means of a dedicated
11-bit ADC converter. The digitized voltage information is made available on PMBus™ register
MFR_READ_IOUTn [n = 1, 2, 3, 4, 5, 6, 7, 8] for the single phase current and on the paged register
READ_IOUTm<15:0> [m = 1, 2] for the sum current on each loop.
Output stage telemetry ADC and the related monitoring unit design are based on the following DrMOS current
sense output characteristics:
STPM098C
Functional description
DS14440 - Rev 1
page 57/110



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com