Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPM098C Datasheet(PDF) 81 Page - STMicroelectronics

Part # STPM098C
Description  Automotive dual digital 8-phase controller with PMBus™
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPM098C Datasheet(HTML) 81 Page - STMicroelectronics

Back Button STPM098C Datasheet HTML 77Page - STMicroelectronics STPM098C Datasheet HTML 78Page - STMicroelectronics STPM098C Datasheet HTML 79Page - STMicroelectronics STPM098C Datasheet HTML 80Page - STMicroelectronics STPM098C Datasheet HTML 81Page - STMicroelectronics STPM098C Datasheet HTML 82Page - STMicroelectronics STPM098C Datasheet HTML 83Page - STMicroelectronics STPM098C Datasheet HTML 84Page - STMicroelectronics STPM098C Datasheet HTML 85Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 110 page
background image
•
Fixed ON time
Feedforward
The feedforward method can be enabled through a dedicated PMBus™ register as follows:
Table 64. Closed-loop feedforward enable bit
FEED_FORWARD_EN
Description
0
Closed-loop feedforward disabled (default)
1
Closed-loop feedforward enabled
With this method, the control loop automatically computes the PWM nominal ON time based on direct
measurement of input voltage through the VIN ADC conversion.
TON=VOUTVINTPWM
(45)
Where:
Vout is the programmed output voltage.
VIN is the input voltage measured on POWERIN_P.
TPWM is the programmed PWM period.
Fixed ON time
The fixed method is active if feedforward is disabled. With this method the nominal ON time is fixed and defined
by means of a dedicated PMBus™ register as follows:
FEEDFORWARDCONST9:0=1.22mV×219
VINTYP
(46)
Where:
FEED_FORWARD_CONST [9:0] are the dedicated PMBus™ configuration bits [0 ~ 1024].
The default value is FEED_FORWARD_CONST = 0x000 (corresponds to nominal on time of 3Tck).
As a COT-based architecture the PWM frequency variation is used to compensate for the load current variation so
that it is not inherently a constant frequency scheme.
To overcome this drawback the nominal ON time defined by the main control loop is adjusted by a second loop in
order to lock the steady state frequency of the PWM signal to the programmed value (frequency locked loop).
The FLL compares the difference between DCO period and the period programmed in TSWITCH divided by N
(number of active phases), and proportionally changes the delay line control thus adjusting ON time to lock the
PWM frequency in steady conditions.
The FLL control gain can be configured by means of a dedicate PMBus™ command as follows:
FLLCOEFF=ΔLSB×FLLCOEF9:0
(47)
Where:
ΔLSB is the minimum slew rate step [1].
FLL_COEFF [9:0] is the dedicated PMBus™ configuration bits [0 ~ 1024].
In case FLL_COEFF = 0x000, the frequency locked loop function is disabled and, as a consequence, the PWM
frequency may deviate from the programmed one.
The default value is FLL_COEFF = 0x002.
The FF maximum correction can be configured as well by means of a dedicated PMBus™ command as follows:
Table 65. FLL limit configuration bits
FLL_LIMIT_STRAT1
FLL_LIMIT_STRAT0
Description
0
0
Maximum ON time correction = ±100% TON (default)
0
1
Maximum ON time correction = ±0% TON
1
0
Maximum ON time correction = ±25% TON
1
1
NO maximum ON time correction
STPM098C
Functional description
DS14440 - Rev 1
page 81/110



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com