Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPM098C Datasheet(PDF) 40 Page - STMicroelectronics

Part # STPM098C
Description  Automotive dual digital 8-phase controller with PMBus™
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPM098C Datasheet(HTML) 40 Page - STMicroelectronics

Back Button STPM098C Datasheet HTML 36Page - STMicroelectronics STPM098C Datasheet HTML 37Page - STMicroelectronics STPM098C Datasheet HTML 38Page - STMicroelectronics STPM098C Datasheet HTML 39Page - STMicroelectronics STPM098C Datasheet HTML 40Page - STMicroelectronics STPM098C Datasheet HTML 41Page - STMicroelectronics STPM098C Datasheet HTML 42Page - STMicroelectronics STPM098C Datasheet HTML 43Page - STMicroelectronics STPM098C Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 110 page
background image
3.6.2
Digital output (DO)
Digital output pins on STPM098C are used to transfer an internal digital information to an external voltage
domain.
Table 27. Digital input pins functional partitioning
Pin
Default state
Description
PWMn [n = 1, 2, 3, 4, 5, 6, 7, 8]
Type A - Push-pull
PWM pins
SM_DATA, SM_CLK, SM_ALERT, FAULT, VR_HOT, POWERIN_ALERT,
VRRDY1, VRRD2
Type B - Open drain PMBus™ pins and FOR pins
Type A digital output allows HIZ state. HIZ state is achieved by switching of pull-up and pull-down sources. No
active sources are available on output pin in this state. When unsupplied, type A digital output goes directly in HIZ
state.
Figure 32. Digital output simplified structures - Type A and B
GND
B)
From Main Logic
Output Pin
VREF2
GND
From Main logic
Level
Shifter
Shoot-through protection
V3V3_DIG
AND
Output Pin
A)
Table 28. Output electrical characteristics - Type A
Symbol
Parameter
Test condition
Min
Typ Max Unit Notes
DOA_out_hl
High output voltage
Iload = -1 mA
VREF2-0.2
-
-
V
-
DOA_out_ll
Low output voltage
Iload = 1 mA
0
-
0.2
V
-
DOA_out_hiz_leak
Output leakage in HIZ
Pin = 1.7 V
-5
-
5
uA
-
T_doa_rt
Output rise time
Cload = 120 pF from 10% to 70%
5
10
15
ns
-
T_doa_ft
Output fall time
Cload = 120 pF from 70% to 10%
5
10
15
ns
-
Table 29. Output electrical characteristics - Type B
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
Notes
DOB_in_ll
Low output voltage
Iload = 350 μA
-
-
0.4
V
-
T_dob_ft
Output fall time
Cload = 120 pF from 70% to 10%
8
12.5
16
ns
-
3.7
Internal clock
Table 30. Internal clock electrical characteristics
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
Notes
CLK_freq
System clock frequency
CLK_SSM_EN = 0
-
40
-
MHz -
CLK_freq_acc
System clock frequency accuracy
CLK_SSM_EN = 0
-5
-
+5
%
-
CLK_freq_match
Main vs. auxiliary frequency matching
CLK_SSM_EN = 0
-10
-
+10
%
-
STPM098C
Functional description
DS14440 - Rev 1
page 40/110



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com