Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPM098C Datasheet(PDF) 58 Page - STMicroelectronics

Part # STPM098C
Description  Automotive dual digital 8-phase controller with PMBus™
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPM098C Datasheet(HTML) 58 Page - STMicroelectronics

Back Button STPM098C Datasheet HTML 54Page - STMicroelectronics STPM098C Datasheet HTML 55Page - STMicroelectronics STPM098C Datasheet HTML 56Page - STMicroelectronics STPM098C Datasheet HTML 57Page - STMicroelectronics STPM098C Datasheet HTML 58Page - STMicroelectronics STPM098C Datasheet HTML 59Page - STMicroelectronics STPM098C Datasheet HTML 60Page - STMicroelectronics STPM098C Datasheet HTML 61Page - STMicroelectronics STPM098C Datasheet HTML 62Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 110 page
background image
Figure 47. DrMOS current sense output reference characteristic
Gain=5mV/A ±4%
255
IOUT[mV]
51
0
0
255
-51
Table 49. Phase current ADC electrical characteristics
Symbol
Parameter
Test condition
Min
Typ
Max Unit
Notes
ADC input
IOUT_adc_range
IOUT ADC voltage input range
-255
-
255
mV -
ADC input resolution
IOUT_adc_resolution IOUT ADC resolution
-
11
-
bits
Application
information
IOUT_adc_lsb
IOUT ADC LSB
-
0.293
-
mV
Application
information
ADC input accuracy
IOUT _adc_gain_err IOUT ADC gain error
-3
-
3
%
-
IOUT _adc_offset_err
IOUT ADC input referred offset
error
-10
-
10
mV -
IOUT_adc_tot_err
IOUT ADC total error
-
-
-
mV See note
ADC input dynamic characteristics
IOUT_adc_in_sr
IOUT ADC sample rate
CLK_SSM_EN = 0
-
10
-
MHz
Application
information
IOUT_adc_latency
IOUT ADC conversion latency
CLK_SSM_EN = 0
-
65
100
μs
Application
information
Note:
IOUT_ADC conversion total error can be calculated as follows:
IOUT_adc_tot_err = IOUT_adc_gain_err * (ISENn - VREF1/CFILT) + IOUT_adc_offset_err
Example:
•
| ISENn-VREF1/CFILT | = 100 mV
•
Total ADC conversion error = ±10 mV ±(3% * 100 mV) = ±10 mV ±3 mV
•
The value read by PMBus™ has a range between 100 mV - (10 mV + 3 mV) and 100 mV + (10 mV + 3
mV)
STPM098C
Functional description
DS14440 - Rev 1
page 58/110



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com