Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPM098C Datasheet(PDF) 74 Page - STMicroelectronics

Part # STPM098C
Description  Automotive dual digital 8-phase controller with PMBus™
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPM098C Datasheet(HTML) 74 Page - STMicroelectronics

Back Button STPM098C Datasheet HTML 70Page - STMicroelectronics STPM098C Datasheet HTML 71Page - STMicroelectronics STPM098C Datasheet HTML 72Page - STMicroelectronics STPM098C Datasheet HTML 73Page - STMicroelectronics STPM098C Datasheet HTML 74Page - STMicroelectronics STPM098C Datasheet HTML 75Page - STMicroelectronics STPM098C Datasheet HTML 76Page - STMicroelectronics STPM098C Datasheet HTML 77Page - STMicroelectronics STPM098C Datasheet HTML 78Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 110 page
background image
Where:
VID_DAC_out _lsb is the minimum voltage step [1.22 mV].
VOUT_OFFSET [5:0], VOUT_TRIM [5:0] are the dedicated PMBus™ configuration bits (2’s complement).
The default value is VOUT_OFFSET = VOUT_TRIM = 0x00.
This is intended especially for DDR memory applications where voltages required are higher than the standard
VID. VOUT_OFFSET and VOUT_TRIM have the same offset effect on the setpoint; thus, the resulting offset is
the sum of the two parameters.
The margin mode voltage (VOUT_MARGIN_HIGH/LOW - VOUT_COMMAND) for the n-th loop can be adjusted
with respect to programmed value through a dedicated PMBus™ register as follows:
VIDLn=VOUTCOMMAND+VOUTMARGINHIGH=VOUTCOMMAND+VIDDACoutlsb
×VOUTMARGINHIGH5:0
(29)
VIDLn=VOUTCOMMAND+VOUTMARGINLOW=VOUTCOMMAND+VIDDACoutlsb×VOUTMARGINLOW5:0
Where:
VID_DAC_out _lsb is the minimum voltage step [1.22 mV].
VOUT_MARGIN_HIGH [5:0], VOUT_MARGIN_LOW [5:0] are the dedicated PMBus™ configuration bits
(module).
The default value is VOUT_MARGIN_HIGH = VOUT_MARGIN_LOW = 0x00.
The reference voltage VID for the n-th loop can be safe-guarded against accidental excessive voltage
programming on previous commands through a dedicated PMBus™ register as follows:
VID_MAX=VID_MAX_lsb×VOUT_MAX5:0
(30)
Where:
VID_MAX_lsb is the minimum voltage step [50 mV].
VOUT_MAX [5:0] are the dedicated PMBus™ configuration bits.
The default value is VOUT_MAX = 0x00.
If
VOUTCOMMAND+VOUTTRIM+VOUTOFFSET<VOUTMAX,then:
VIDLn= VOUTCOMMAND+9 ×VOUT_COMMAND_lsb+ VOUTTRIM+VOUTOFFSET ×VID_DAC_out_lsb
If
VOUTCOMMAND+VOUTTRIM+VOUTOFFSET≥VOUTMAX,then:
VIDLn= 25× VOUTMAX+1 −1 ×VIDDACoutlsb
(31)
At loop controller startup the VID_Ln reference is linearly increased by control logic from 0V to the programmed
setpoint in order to develop a soft-start boot ramp on output voltage. The SS slew rate can be programmed
through a dedicated PMBus™ register as follows:
SSSR=SSSRlsb×SSSRnCFG3:0
Where:
SS_SR _lsb is the minimum slew rate step [1 V/ms].
SS_SRn_CFG [3:0] are the dedicated PMBus™ configuration bits [1 V/ms ~ 10 V/ms].
The default value is SS_SRn_CFG = 0x5 (5 V/ms).
To allow power state management at system level, STPM098C implements a procedure to runtime change the
regulation setpoint (VID). As an accidental runtime NVM configuration change must be avoided, a dedicated
PMBus™ unlock command key is made available.
MFR_UNLOCK [7:0] = 0x55
LOCK can be achieved by writing MFR_UNLOCK ≠ 0x55
Note:
The MFR_UNLOCK command is intended only to support dynamic setpoint variation and related diagnostics
that need tuning. MFR_UNLOCK usages different from what specified are not recommended or guaranteed.
The target setpoint for the VID transition is configured by programming the standard PMBus™ commands:
•
VOUT_COMMAND
•
VOUT_TRIM
•
VOUT_OFFSET
To avoid diagnostic triggering during output voltage transition (ex. UV/OV) a monitoring threshold adjustment
should be applied along with the target VID configuration. This operation is supposed to be carried out by
application software: no automatic threshold changes or diagnosis masking is performed by STPM098C.
STPM098C
Functional description
DS14440 - Rev 1
page 74/110



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com