Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPM098C Datasheet(PDF) 53 Page - STMicroelectronics

Part # STPM098C
Description  Automotive dual digital 8-phase controller with PMBus™
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPM098C Datasheet(HTML) 53 Page - STMicroelectronics

Back Button STPM098C Datasheet HTML 49Page - STMicroelectronics STPM098C Datasheet HTML 50Page - STMicroelectronics STPM098C Datasheet HTML 51Page - STMicroelectronics STPM098C Datasheet HTML 52Page - STMicroelectronics STPM098C Datasheet HTML 53Page - STMicroelectronics STPM098C Datasheet HTML 54Page - STMicroelectronics STPM098C Datasheet HTML 55Page - STMicroelectronics STPM098C Datasheet HTML 56Page - STMicroelectronics STPM098C Datasheet HTML 57Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 110 page
background image
3.12.1
Output stages temperature telemetry
The output stages maximum temperature for each loop can be directly measured at the input pin TSENn by
means of a dedicated 9-bit ADC converter. The digitized voltage information is made available on PMBus™
paged register READ_TEMPERATUREn_1<15:0> [n = 1, 2].
TSENn pin is intended to be connected to the DrMOS terminal TOUT. All TOUT pins of DrMOS referring to
the same control loop are supposed to be shorted together;
Output stage telemetry ADC and the related monitoring unit design is based on the following DrMOS
temperature sensor output characteristics:
Figure 42. DrMOS temperature sense output reference characteristics
T[C
°]
Gain=8mV/C °±2.5%
2.4
TOUT[V]
225
-62.5
1.12
0.1
0.6±1%
0
65
Table 44. Output Stage temperature ADC electrical characteristics
Symbol
Parameter
Test condition
Min Typ Max Unit
Notes
ADC input
TOUT_adc_range
TOUT ADC voltage input
range
0.1
-
2.4
V
-
TOUT_adc_ic
TOUT ADC input current
TSENn = 5 V
VCC = 5 V
60
100 150
μA
[n = 1, 2]
ADC input resolution
TOUT_adc_resolution TOUT ADC resolution
-
9
-
bits Application information
TOUT_adc_lsb
TOUT ADC LSB
-
5.33
-
mV Application information
ADC input accuracy
TOUT_adc_total_err
TOUT ADC total error
0.28 V ≤ TSENn < 2 V -40
-
40
mV [n = 1, 2]
ADC input dynamic characteristics
TOUT_adc_in_sr
TOUT ADC sample rate
-
10
-
MHz Application information
TOUT_adc_latency
TOUT ADC conversion
latency
CLK_SSM_EN = 0
-
65
100
μs
Application information
3.12.1.1
Output stages temperature monitor (TOUT monitor)
The digitized output stage temperature information is compared with selectable thresholds based on the following
scheme:
STPM098C
Functional description
DS14440 - Rev 1
page 53/110



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com