Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD69104B1/F Datasheet(PDF) 18 Page - Microsemi Corporation

Part # PD69104B1/F
Description  4-Port PoE Manager
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

PD69104B1/F Datasheet(HTML) 18 Page - Microsemi Corporation

Back Button PD69104B1/F Datasheet HTML 14Page - Microsemi Corporation PD69104B1/F Datasheet HTML 15Page - Microsemi Corporation PD69104B1/F Datasheet HTML 16Page - Microsemi Corporation PD69104B1/F Datasheet HTML 17Page - Microsemi Corporation PD69104B1/F Datasheet HTML 18Page - Microsemi Corporation PD69104B1/F Datasheet HTML 19Page - Microsemi Corporation PD69104B1/F Datasheet HTML 20Page - Microsemi Corporation PD69104B1/F Datasheet HTML 21Page - Microsemi Corporation PD69104B1/F Datasheet HTML 22Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 36 page
background image
4-Port PoE Manager
Microsemi Proprietary and Confidential. PD69104B1/F Datasheet Revision 2.0
15
The following table lists the three states analog input pins (current set, comm_mode) for the PD69104B1
/F device.
Table 12 • Three States Analog Input Pins (Current Set, Comm_Mode)
Symbol
Parameter
Test Conditions/Comment
Min
Typ
Max
Units
High-level input voltage
80%
VAUX3P3
VDC
Open
Not connected
40%
VAUX3P3
60%
VAUX3P3
VDC
Low-level input voltage
20%
VAUX3P3
VDC
4.1.1
Typical Power Dissipation Information
The following table lists the typical power dissipation information for the PD69104B1/F device.
Table 13 • Typical Power Dissipation Information
Typical Power Dissipation Information
R
Power Dissipation: 0.36 Ω × I
sense
port2
R
Power Dissipation: 0.3 Ω × I
ds_ON
port2
P
= 15.4 W ==> Port Power Dissipation at R
= 37 mW (320 mA)
port_AF
sense
Port Power Dissipation at R
= 31 mW (320 mA)
ds_ON
P
= 30 W ==> Port Power Dissipation at R
= 130 mW (600 mA)
port_AT
sense
Port Power Dissipation at R
= 108 mW (600 mA)
ds_ON
Using Internal 3.3 V regulator
Typical PD69104B1/F self power dissipation (including internal regulations) = 0.5 W (50 V)
Typical PD69104B1/F at 4 × Port AF application power dissipation = 0.5 W + 4 x 31 mW + 4 × 37 mW = 0.77 W
Typical PD69104B1/F at 4 × Port AT application power dissipation = 0.5 W + 4 x 108 mW + 4 × 130 mW = 1.45 W
Using External 3.3 V regulator
Typical PD69104B1/F self power dissipation (external 3.3 V source) = 0.25 W (50 V)
Typical PD69104B1/F at 4 × Port AF application power dissipation = 0.25 W + 4 x 31 mW + 4 × 37 mW = 0.52 W
Typical PD69104B1/F at 4 × Port AT application power dissipation = 0.25 W + 4 x 108 mW + 4 × 130 mW = 1.2 W
4.2
Dynamic Characteristics
PD69104B1/F utilizes three current level thresholds (I , I , I ) and three timers (T , T , T ).
min
cut
lim
min
cut
lim
Loads that consume I current for more than T are labeled as 'short circuit state' and are
lim
lim
shutdown.
Loads that dissipate more than I
for longer than T
are labeled as ‘overloads’ and are shutdown.
cut
cut
If output power is below I
for more than T , the PD is labeled as ‘no-load’ and is shutdown.
min
min
Automatic recovery from overload and no-load conditions is attempted every T
period (typically 1
OVLREC
second). Output power is limited to I , which is the maximum peak current allowed at the port.
lim
The following table lists the operational mode parameters.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com