Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD69104B1/F Datasheet(PDF) 26 Page - Microsemi Corporation

Part # PD69104B1/F
Description  4-Port PoE Manager
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

PD69104B1/F Datasheet(HTML) 26 Page - Microsemi Corporation

Back Button PD69104B1/F Datasheet HTML 22Page - Microsemi Corporation PD69104B1/F Datasheet HTML 23Page - Microsemi Corporation PD69104B1/F Datasheet HTML 24Page - Microsemi Corporation PD69104B1/F Datasheet HTML 25Page - Microsemi Corporation PD69104B1/F Datasheet HTML 26Page - Microsemi Corporation PD69104B1/F Datasheet HTML 27Page - Microsemi Corporation PD69104B1/F Datasheet HTML 28Page - Microsemi Corporation PD69104B1/F Datasheet HTML 29Page - Microsemi Corporation PD69104B1/F Datasheet HTML 30Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 36 page
background image
4-Port PoE Manager
Microsemi Proprietary and Confidential. PD69104B1/F Datasheet Revision 2.0
23
Thermal resistance-junction to case is 4 °C/W.
Note: All of the above assume no ambient airflow. Junction temperature calculation: T = T + (P × θ ).
J
A
D
JA
The θ numbers are guidelines for the thermal performance of the device/PC-board system.
JA
6.3
RoHS and Solder Reflow Information
The following lists the recommended RoHS and solder reflow information for the PD69104B1/F device.
RoHS 6/6
Pb-free 100% matte tin finish
Package peak temperature for solder reflow (40 seconds maximum exposure)—260 °C
(0 ° C, –5 °C)
Note: Exceeding these ratings can cause damage to the device.
The following table lists the reflow profiles.
Table 19 • Classification Reflow Profiles
Profile Feature
Pb-Free Assembly
Average ramp-up rate (TS
to Tp)
max
3 °C/second max
Preheat
Temperature min (TS )
min
Temperature max (TS
)
max
Time (ts
to ts
)
min
max
150 °C
200 °C
60–180 seconds
Time maintained
Temperature (T )
L
Time (t )
L
217 °C
60–150 seconds
Peak classification temperature (T )
P
240 - 255 °C
Time within 5 °C of actual peak temperature (tp)
20–40 seconds
Ramp-down rate
6 °C/second max
Time 25 °C to peak temperature
8 minutes max
Note: All temperatures refer to topside of the package, measured on the package body surface.
The following illustration shows the classification reflow profiles.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com